Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 260 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 260 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 256Page - Infineon Technologies AG C167CS Datasheet HTML 257Page - Infineon Technologies AG C167CS Datasheet HTML 258Page - Infineon Technologies AG C167CS Datasheet HTML 259Page - Infineon Technologies AG C167CS Datasheet HTML 260Page - Infineon Technologies AG C167CS Datasheet HTML 261Page - Infineon Technologies AG C167CS Datasheet HTML 262Page - Infineon Technologies AG C167CS Datasheet HTML 263Page - Infineon Technologies AG C167CS Datasheet HTML 264Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-32
V2.0, 2000-07
Figure 10-20 Block Diagram of Auxiliary Timer T5 in Counter Mode
The event causing an increment or decrement of the timer can be a positive, a negative,
or both a positive and a negative transition at either the input pin, or at the toggle latch
T6OTL.
Bitfield T5I in control register T5CON selects the triggering transition (see Table 10-14).
Note: Only state transitions of T6OTL which are caused by the overflows/underflows of
T6 will trigger the counter function of T5. Modifications of T6OTL via software will
NOT trigger the counter function of T5.
The maximum input frequency which is allowed in counter mode is
fCPU / 8. To ensure
that a transition of the count input signal which is applied to T5IN is correctly recognized,
its level should be held high or low for at least 4
fCPU cycles before it changes.
Table 10-14 GPT2 Auxiliary Timer (Counter Mode) Input Edge Selection
T5I
Triggering Edge for Counter Increment/Decrement
X 0 0
None. Counter T5 is disabled
0 0 1
Positive transition (rising edge) on T5IN
0 1 0
Negative transition (falling edge) on T5IN
0 1 1
Any transition (rising or falling edge) on T5IN
1 0 1
Positive transition (rising edge) of output toggle latch T6OTL
1 1 0
Negative transition (falling edge) of output toggle latch T6OTL
1 1 1
Any transition (rising or falling edge) of output toggle latch T6OTL
Auxiliary Timer Tx
Interrupt
Request
TxR
XOR
0
MUX
1
TxEUD
TxUDE
MCB02221
TxUD
Txl
TxIN
Edge
Select
Up/
Down
x = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com