| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 259 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 259 Page - Infineon Technologies AG |
|
259 / 517 page ![]() C167CS Derivatives The General Purpose Timer Units User’s Manual 10-31 V2.0, 2000-07 Count Direction Control for Auxiliary Timer The count direction of the auxiliary timer can be controlled in the same way as for the core timer T6. The description and the table apply accordingly. Timer T5 in Timer Mode or Gated Timer Mode When the auxiliary timer T5 is programmed to timer mode or gated timer mode, its operation is the same as described for the core timer T6. The descriptions, figures and tables apply accordingly with one exception: • There is no output toggle latch for T5. Timer T5 in Counter Mode Counter mode for the auxiliary timer T5 is selected by setting bit field T5M in register T5CON to ‘001B’. In counter mode timer T5 can be clocked either by a transition at the external input pin T5IN, or by a transition of timer T6’s output toggle latch T6OTL (i.e. timer concatenation). CI Register CAPREL Capture Trigger Selection (depending on bit CT3) 00: Capture disabled 01: Positive transition (rising edge) on CAPIN or any transition on T3IN 10: Negative transition (falling edge) on CAPIN or any transition on T3EUD 11: Any transition (rising or falling edge) on CAPIN or any transition on T3IN or T3EUD T5CLR Timer 5 Clear Bit 0: Timer 5 not cleared on a capture 1: Timer 5 is cleared on a capture T5SC Timer 5 Capture Mode Enable 0: Capture into register CAPREL disabled 1: Capture into register CAPREL enabled 1) For the effects of bits T5UD and T5UDE refer to the direction table (see T6 section). Bit Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |