Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 262 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 262 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 258Page - Infineon Technologies AG C167CS Datasheet HTML 259Page - Infineon Technologies AG C167CS Datasheet HTML 260Page - Infineon Technologies AG C167CS Datasheet HTML 261Page - Infineon Technologies AG C167CS Datasheet HTML 262Page - Infineon Technologies AG C167CS Datasheet HTML 263Page - Infineon Technologies AG C167CS Datasheet HTML 264Page - Infineon Technologies AG C167CS Datasheet HTML 265Page - Infineon Technologies AG C167CS Datasheet HTML 266Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-34
V2.0, 2000-07
GPT2 Capture/Reload Register CAPREL in Capture Mode
This 16-bit register can be used as a capture register for the auxiliary timer T5. This
mode is selected by setting bit T5SC = ‘1’ in control register T5CON. Bit CT3 selects the
external input pin CAPIN or the input pins of timer T3 as the source for a capture trigger.
Either a positive, a negative, or both a positive and a negative transition at pin CAPIN
can be selected to trigger the capture function, or transitions on input T3IN or input
T3EUD or both inputs T3IN and T3EUD. The active edge is controlled by bit field CI in
register T5CON. The same coding is used as in the two least significant bits of bit field
T5I (see Table 10-14).
The maximum input frequency for the capture trigger signal at CAPIN is
fCPU / 8. To
ensure that a transition of the capture trigger signal is correctly recognized, its level
should be held for at least 4
fCPU cycles before it changes.
Figure 10-22 GPT2 Register CAPREL in Capture Mode
When the timer T3 capture trigger is enabled (CT3 = ‘1’) register CAPREL captures the
contents of T5 upon transitions of the selected input(s). These values can be used to
measure T3’s input signals. This is useful e.g. when T3 operates in incremental interface
mode, in order to derive dynamic information (speed acceleration) from the input signals.
Auxiliary Timer T5
Edge
Select
MCB02044B
Interrupt
Request
CAPIN
CI
T5SC
T5CLR
Input
Clock
Up/Down
Interrupt
Request
CAPREL Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com