Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 258 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 258 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 254Page - Infineon Technologies AG C167CS Datasheet HTML 255Page - Infineon Technologies AG C167CS Datasheet HTML 256Page - Infineon Technologies AG C167CS Datasheet HTML 257Page - Infineon Technologies AG C167CS Datasheet HTML 258Page - Infineon Technologies AG C167CS Datasheet HTML 259Page - Infineon Technologies AG C167CS Datasheet HTML 260Page - Infineon Technologies AG C167CS Datasheet HTML 261Page - Infineon Technologies AG C167CS Datasheet HTML 262Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-30
V2.0, 2000-07
10.2.2
GPT2 Auxiliary Timer T5
The auxiliary timer T5 can be configured for timer, gated timer or counter mode with the
same options for the timer frequencies and the count signal as the core timer T6. In
addition the auxiliary timer can be concatenated with the core timer (operation in counter
mode). Its contents may be captured to register CAPREL upon a selectable trigger.
The individual configuration for timer T5 is determined by its bitaddressable control
register T5CON. Note that functions which are present in both timers of block GPT2 are
controlled in the same bit positions and in the same manner in each of the specific
control registers.
Note: The auxiliary timer has no output toggle latch and no alternate output function.
T5CON
Timer 5 Control Register
SFR (FF46H/A3H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
T5
SC
T5
CLR
CI
-
CT3
-
T5
UDE
T5
UD
T5R
T5M
T5I
rw
rw
rw
-
rw
-
rw
rw
rw
rw
rw
Bit
Function
T5I
Timer 5 Input Selection
Depends on the Operating Mode, see respective sections.
T5M
Timer 5 Mode Control (Basic Operating Mode)
000: Timer Mode
001: Counter Mode
010: Gated Timer with Gate active low
011: Gated Timer with Gate active high
1XX: Reserved. Do not use this combination.
T5R
Timer 5 Run Bit
0:
Timer / Counter 5 stops
1:
Timer / Counter 5 runs
T5UD
Timer 5 Up / Down Control1)
T5UDE
Timer 5 External Up/Down Enable1)
CT3
Timer 3 Capture Trigger Enable
0:
Capture trigger from pin CAPIN
1:
Capture trigger from T3 input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com