Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 254 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 254 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 250Page - Infineon Technologies AG C167CS Datasheet HTML 251Page - Infineon Technologies AG C167CS Datasheet HTML 252Page - Infineon Technologies AG C167CS Datasheet HTML 253Page - Infineon Technologies AG C167CS Datasheet HTML 254Page - Infineon Technologies AG C167CS Datasheet HTML 255Page - Infineon Technologies AG C167CS Datasheet HTML 256Page - Infineon Technologies AG C167CS Datasheet HTML 257Page - Infineon Technologies AG C167CS Datasheet HTML 258Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-26
V2.0, 2000-07
Timer 6 Output Toggle Latch
An overflow or underflow of timer T6 will clock the toggle bit T6OTL in control register
T6CON. T6OTL can also be set or reset by software. Bit T6OE (Alternate Output
Function Enable) in register T6CON enables the state of T6OTL to be an alternate
function of the external output pin T6OUT. For that purpose, a ‘1’ must be written into the
respective port data latch and pin T6OUT must be configured as output by setting the
respective direction control bit to ‘1’. If T6OE = ‘1’, pin T6OUT then outputs the state of
T6OTL. If T6OE = ‘0’ pin T6OUT can be used as general purpose IO pin.
In addition, T6OTL can be used in conjunction with the timer over/underflows as an input
for the counter function of the auxiliary timer T5. For this purpose, the state of T6OTL
does not have to be available at pin T6OUT, because an internal connection is provided
for this option.
An overflow or underflow of timer T6 can also be used to clock the timers in the
CAPCOM units. For this purpose, there is a direct internal connection between timer T6
and the CAPCOM timers.
Timer 6 in Timer Mode
Timer mode for the core timer T6 is selected by setting bitfield T6M in register T6CON
to ‘000B’. In this mode, T6 is clocked with the internal system clock divided by a
programmable prescaler, which is selected by bit field T6I. The input frequency
fT6 for
timer T6 and its resolution
rT6 are scaled linearly with lower clock frequencies fCPU, as
can be seen from the following formula:
Figure 10-17 Block Diagram of Core Timer T6 in Timer Mode
fT6 =
fCPU
4
× 2<T6I>
rT6 [µs] =
fCPU [MHz]
4
× 2<T6I>
,
Core Timer Tx
TxOTL
Interrupt
Request
TxOE
TxOUT
TxR
2n : 1
Txl
EXOR
0
MUX
1
TxEUD
TxUDE
MCB02028
TxUD
f
CPU
Up/
Down
T6EUD = P5.10
x = 6
T6OUT = P3.1
n = 2 … 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com