| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 250 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 250 Page - Infineon Technologies AG |
|
250 / 517 page ![]() C167CS Derivatives The General Purpose Timer Units User’s Manual 10-22 V2.0, 2000-07 10.2 Timer Block GPT2 From a programmer’s point of view, the GPT2 block is represented by a set of SFRs as summarized below. Those portions of port and direction registers which are used for alternate functions by the GPT2 block are shaded. Figure 10-15 SFRs and Port Pins Associated with Timer Block GPT2 Timer block GPT2 supports high precision event control with a maximum resolution of 8 TCL. It includes the two timers T5 and T6, and the 16-bit capture/reload register CAPREL. Timer T6 is referred to as the core timer, and T5 is referred to as the auxiliary timer of GPT2. Each timer has an alternate input function pin associated with it which serves as the gate control in gated timer mode, or as the count input in counter mode. The count direction (Up/Down) may be programmed via software. An overflow/underflow of T6 is indicated by the output toggle bit T6OTL whose state may be output on an alternate function port pin (T6OUT). In addition, T6 may be reloaded with the contents of CAPREL. The toggle bit also supports the concatenation of T6 with auxiliary timer T5, while concatenation of T6 with the timers of the CAPCOM units is provided through a direct connection. Triggered by an external signal, the contents of T5 can be captured into register CAPREL, and T5 may optionally be cleared. Both timer T6 and T5 can count up or down, and the current timer value can be read or modified by the CPU in the non- bitaddressable SFRs T5 and T6. E MCA04375 ODP3 DP3 P3 T5 T6 CAPREL T5CON T5IC CRIC Ports & Direction Control Alternate Functions Data Registers Control Registers Interrupt Control ODP3 Port 3 Open Drain Control Register DP3 Port 3 Direction Control Register P3 Port 3 Data Register P5 Port 5 Data Register P5DIDIS Port 5 Digital Input Disable Register T5CONGPT2 Timer 5 Control Register T6CONGPT2 Timer 6 Control Register T5 GPT2 Timer 5 Register T6 GPT2 Timer 6 Register CAPRELGPT2 Capture/Reload Register T5ICGPT2 Timer 5 Interrupt Control Register T6ICGPT2 Timer 6 Interrupt Control Register CRICGPT2 CAPREL Interrupt Control Register T6IC T5IN/P5.13 T5EUD/P5.11 T6IN/P5.12 T6EUD/P5.10 CAPIN/P3.2 T6OUT/P3.1 P5 T6CON P5DIDIS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |