Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 253 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 253 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 249Page - Infineon Technologies AG C167CS Datasheet HTML 250Page - Infineon Technologies AG C167CS Datasheet HTML 251Page - Infineon Technologies AG C167CS Datasheet HTML 252Page - Infineon Technologies AG C167CS Datasheet HTML 253Page - Infineon Technologies AG C167CS Datasheet HTML 254Page - Infineon Technologies AG C167CS Datasheet HTML 255Page - Infineon Technologies AG C167CS Datasheet HTML 256Page - Infineon Technologies AG C167CS Datasheet HTML 257Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-25
V2.0, 2000-07
Timer 6 Run Bit
The timer can be started or stopped by software through bit T6R (Timer T6 Run Bit). If
T6R = ‘0’, the timer stops. Setting T6R to ‘1’ will start the timer.
In gated timer mode, the timer will only run if T6R = ‘1’ and the gate is active (high or low,
as programmed).
Count Direction Control
The count direction of the core timer can be controlled either by software or by the
external input pin T6EUD (Timer T6 External Up/Down Control Input), which is the
alternate input function of port pin P5.10. These options are selected by bits T6UD and
T6UDE in control register T6CON. When the up/down control is done by software (bit
T6UDE = ‘0’), the count direction can be altered by setting or clearing bit T6UD. When
T6UDE = ‘1’, pin T6EUD is selected to be the controlling source of the count direction.
However, bit T6UD can still be used to reverse the actual count direction, as shown in
Table 10-9. If T6UD = ‘0’ and pin T6EUD shows a low level, the timer is counting up.
With a high level at T6EUD the timer is counting down. If T6UD = ‘1’, a high level at pin
T6EUD specifies counting up, and a low level specifies counting down. The count
direction can be changed regardless of whether the timer is running or not.
Note: The direction control works the same for core timer T6 and for auxiliary timer T5.
Therefore the pins and bits are named Tx …
Table 10-9
GPT2 Core Timer T6 Count Direction Control
Pin TxEUD
Bit TxUDE
Bit TxUD
Count Direction
X
0
0
Count Up
X
0
1
Count Down
0
1
0
Count Up
1
1
0
Count Down
0
1
1
Count Down
1
1
1
Count Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com