Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 255 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 255 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 251Page - Infineon Technologies AG C167CS Datasheet HTML 252Page - Infineon Technologies AG C167CS Datasheet HTML 253Page - Infineon Technologies AG C167CS Datasheet HTML 254Page - Infineon Technologies AG C167CS Datasheet HTML 255Page - Infineon Technologies AG C167CS Datasheet HTML 256Page - Infineon Technologies AG C167CS Datasheet HTML 257Page - Infineon Technologies AG C167CS Datasheet HTML 258Page - Infineon Technologies AG C167CS Datasheet HTML 259Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-27
V2.0, 2000-07
The timer input frequencies, resolution and periods which result from the selected
prescaler option are listed in Table 10-10. This table also applies to the gated timer
mode of T6 and to the auxiliary timer T5 in timer and gated timer mode. Note that some
numbers may be rounded to 3 significant digits.
Table 10-10 GPT2 Timer Input Frequencies, Resolution and Periods @ 20 MHz
fCPU = 20 MHz
Timer Input Selection T5I/T6I
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler
Factor
4
8
16
32
64
128
256
512
Input
Frequency
5
MHz
2.5
MHz
1.25
MHz
625
kHz
312.5
kHz
156.25
kHz
78.125
kHz
39.06
kHz
Resolution
200 ns 400 ns 800 ns 1.6
µs3.2 µs6.4 µs 12.8 ms 25.6 µs
Period
13 ms
26 ms
52.5 ms 105 ms 210 ms 420 ms 840 ms 1.68 s
Table 10-11 GPT2 Timer Input Frequencies, Resolution and Periods @ 25 MHz
fCPU = 25 MHz
Timer Input Selection T5I/T6I
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler
Factor
4
8
16
32
64
128
256
512
Input
Frequency
6.25
MHz
3.125
MHz
1.56
MHz
781.25
kHz
390.62
kHz
195.31
kHz
97.66
kHz
48.83
kHz
Resolution
160 ns 320 ns 640 ns 1.28
µs2.56 µs5.12 µs 10.2 ms 20.5 µs
Period
10.5 ms 21 ms
42 ms
83.9 ms 168 ms 336 ms 671 ms 1.34 s
Table 10-12 GPT2 Timer Input Frequencies, Resolution and Periods @ 33 MHz
fCPU = 33 MHz
Timer Input Selection T5I/T6I
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler
Factor
4
8
16
32
64
128
256
512
Input
Frequency
2.06
MHz
4.125
MHz
2.0625
MHz
1.031
MHz
515.62
kHz
257.81
kHz
128.91
kHz
64.45
kHz
Resolution
121 ns 242 ns 485 ns 970 ns 1.94
µs3.88 µs7.76 µs 15.5 µs
Period
7.9 ms 15.9 ms 31.8 ms 63.6 ms 127 ms 254 ms 508 ms 1.02 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com