Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 256 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 256 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 252Page - Infineon Technologies AG C167CS Datasheet HTML 253Page - Infineon Technologies AG C167CS Datasheet HTML 254Page - Infineon Technologies AG C167CS Datasheet HTML 255Page - Infineon Technologies AG C167CS Datasheet HTML 256Page - Infineon Technologies AG C167CS Datasheet HTML 257Page - Infineon Technologies AG C167CS Datasheet HTML 258Page - Infineon Technologies AG C167CS Datasheet HTML 259Page - Infineon Technologies AG C167CS Datasheet HTML 260Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-28
V2.0, 2000-07
Timer 6 in Gated Timer Mode
Gated timer mode for the core timer T6 is selected by setting bit field T6M in register
T6CON to ‘010B’ or ‘011B’. Bit T6M.0 (T6CON.3) selects the active level of the gate
input. In gated timer mode the same options for the input frequency as for the timer mode
are available. However, the input clock to the timer in this mode is gated by the external
input pin T6IN (Timer T6 External Input).
Figure 10-18 Block Diagram of Core Timer T6 in Gated Timer Mode
If T6M.0 = ‘0’, the timer is enabled when T6IN shows a low level. A high level at this pin
stops the timer. If T6M.0 = ‘1’, pin T6IN must have a high level in order to enable the
timer. In addition, the timer can be turned on or off by software using bit T6R. The timer
will only run, if T6R = ‘1’ and the gate is active. It will stop, if either T6R = ‘0’ or the gate
is inactive.
Note: A transition of the gate signal at pin T6IN does not cause an interrupt request.
MUX
Core Timer Tx
TxOTL
Interrupt
Request
TxOE
TxOUT
TxR
XOR
0
MUX
1
Up/
Down
TxEUD
TxUDE
MCB02029
TxUD
2n : 1
TxI
f
CPU
TxM
TxIN
T6IN = P5.12
T6EUD = P5.10
x = 6
T6OUT = P3.1
n = 2 … 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com