| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 263 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 263 Page - Infineon Technologies AG |
|
263 / 517 page ![]() C167CS Derivatives The General Purpose Timer Units User’s Manual 10-35 V2.0, 2000-07 When a selected transition at the selected input pin(s) (CAPIN, T3IN, T3EUD) is detected, the contents of the auxiliary timer T5 are latched into register CAPREL, and interrupt request flag CRIR is set. With the same event, timer T5 can be cleared to 0000H. This option is controlled by bit T5CLR in register T5CON. If T5CLR = ‘0’, the contents of timer T5 are not affected by a capture. If T5CLR = ‘1’, timer T5 is cleared after the current timer value has been latched into register CAPREL. Note: Bit T5SC only controls whether a capture is performed or not. If T5SC = ‘0’, the selected trigger event can still be used to clear timer T5 or to generate an interrupt request. This interrupt is controlled by the CAPREL interrupt control register CRIC. GPT2 Capture/Reload Register CAPREL in Reload Mode This 16-bit register can be used as a reload register for the core timer T6. This mode is selected by setting bit T6SR = ‘1’ in register T6CON. The event causing a reload in this mode is an overflow or underflow of the core timer T6. When timer T6 overflows from FFFFH to 0000H (when counting up) or when it underflows from 0000H to FFFFH (when counting down), the value stored in register CAPREL is loaded into timer T6. This will not set the interrupt request flag CRIR associated with the CAPREL register. However, interrupt request flag T6IR will be set indicating the overflow/underflow of T6. Figure 10-23 GPT2 Register CAPREL in Reload Mode Core Timer T6 Up/Down Interrupt Request T6OE T6OUT Input Clock MCB02045 T6OTL T6SR CAPREL Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |