Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 300 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 300 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 296Page - Infineon Technologies AG C167CS Datasheet HTML 297Page - Infineon Technologies AG C167CS Datasheet HTML 298Page - Infineon Technologies AG C167CS Datasheet HTML 299Page - Infineon Technologies AG C167CS Datasheet HTML 300Page - Infineon Technologies AG C167CS Datasheet HTML 301Page - Infineon Technologies AG C167CS Datasheet HTML 302Page - Infineon Technologies AG C167CS Datasheet HTML 303Page - Infineon Technologies AG C167CS Datasheet HTML 304Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 517 page
background image
C167CS
Derivatives
The High-Speed Synchronous Serial Interface
User’s Manual
12-17
V2.0, 2000-07
12.7
SSC Interrupt Control
Three bit addressable interrupt control registers are provided for serial channel SSC.
Register SSCTIC controls the transmit interrupt, SSCRIC controls the receive interrupt
and SSCEIC controls the error interrupt of serial channel SSC. Each interrupt source
also has its own dedicated interrupt vector. SCTINT is the transmit interrupt vector,
SCRINT is the receive interrupt vector, and SCEINT is the error interrupt vector.
The cause of an error interrupt request (receive, phase, baudrate, transmit error) can be
identified by the error status flags in control register SSCCON.
Note: In contrary to the error interrupt request flag SSCEIR, the error status flags SSCxE
are not reset automatically upon entry into the error interrupt service routine, but
must be cleared by software.
Note: Please refer to the general Interrupt Control Register description for an
explanation of the control fields.
SSCTIC
SSC Transmit Intr. Ctrl. Reg.
SFR (FF72H/B9H)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
SSC
TIR
SSC
TIE
ILVL
GLVL
-
-
-
-
-
-
-
-
rw
rw
rw
rw
SSCRIC
SSC Receive Intr. Ctrl. Reg.
SFR (FF74H/BAH)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
SSC
RIR
SSC
RIE
ILVL
GLVL
-
-
-
-
-
-
-
-
rw
rw
rw
rw
SSCEIC
SSC Error Intr. Ctrl. Reg.
SFR (FF76H/BBH)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
SSC
EIR
SSC
EIE
ILVL
GLVL
-
-
-
-
-
-
-
-
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com