Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 304 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 304 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 300Page - Infineon Technologies AG C167CS Datasheet HTML 301Page - Infineon Technologies AG C167CS Datasheet HTML 302Page - Infineon Technologies AG C167CS Datasheet HTML 303Page - Infineon Technologies AG C167CS Datasheet HTML 304Page - Infineon Technologies AG C167CS Datasheet HTML 305Page - Infineon Technologies AG C167CS Datasheet HTML 306Page - Infineon Technologies AG C167CS Datasheet HTML 307Page - Infineon Technologies AG C167CS Datasheet HTML 308Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 517 page
background image
C167CS
Derivatives
The Watchdog Timer (WDT)
User’s Manual
13-4
V2.0, 2000-07
protected instructions the Protection Fault Trap will be entered, rather than the
instruction be executed.
Note: The reset value depends on the reset source (see description below).
The execution of EINIT clears the reset indication flags.
The time period for an overflow of the watchdog timer is programmable in two ways:
• The input frequency to the watchdog timer can be selected via a prescaler controlled
by bits WDTPRE and WDTIN in register WDTCON to be
fCPU / 2, fCPU / 4, fCPU / 128, or fCPU / 256.
• The reload value WDTREL for the high byte of WDT can be programmed in register
WDTCON.
The period PWDT between servicing the watchdog timer and the next overflow can
therefore be determined by the following formula:
WDTCON
WDT Control Register
SFR (FFAEH/D7H)
Reset Value: 00XXH
15
14
13
12
11
10
98765
43210
WDTREL
WDT
PRE
--
LHW
R
SHW
R
SW
R
WDT
R
WDT
IN
-
rw
-
-
rh
rh
rh
rh
rw
Bit
Function
WDTIN
Watchdog Timer Input Frequency Select
Controls the input clock prescaler. See Table 13-1.
WDTR
Watchdog Timer Reset Indication Flag
Cleared by a hardware reset or by the SRVWDT instruction.
SWR
Software Reset Indication Flag
SHWR
Short Hardware Reset Indication Flag
LHWR
Long Hardware Reset Indication Flag
WDTPRE
Watchdog Timer Input Prescaler Control
Controls the input clock prescaler. See Table 13-1.
WDTREL
Watchdog Timer Reload Value (for the high byte of WDT)
PWDT =
fCPU
2(1 + <WDTPRE> + <WDTIN> × 6)
× (216 – <WDTREL> × 28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com