Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 308 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 308 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 304Page - Infineon Technologies AG C167CS Datasheet HTML 305Page - Infineon Technologies AG C167CS Datasheet HTML 306Page - Infineon Technologies AG C167CS Datasheet HTML 307Page - Infineon Technologies AG C167CS Datasheet HTML 308Page - Infineon Technologies AG C167CS Datasheet HTML 309Page - Infineon Technologies AG C167CS Datasheet HTML 310Page - Infineon Technologies AG C167CS Datasheet HTML 311Page - Infineon Technologies AG C167CS Datasheet HTML 312Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 517 page
background image
C167CS
Derivatives
The Real Time Clock
User’s Manual
14-2
V2.0, 2000-07
Figure 14-2
RTC Block Diagram
System Clock Operation
A real time system clock can be maintained that keeps on running also during idle mode
and power down mode (optionally) and represents the current time and date. This is
possible as the RTC module is not effected by a reset.
The maximum resolution (minimum stepwidth) for this clock information is determined
by timer T14’s input clock. The maximum usable timespan is achieved when T14REL is
loaded with 0000H and so T14 divides by 2
16.
Cyclic Interrupt Generation
The RTC module can generate an interrupt request whenever timer T14 overflows and is
reloaded. This interrupt request may e.g. be used to provide a system time tick
independent of the CPU frequency without loading the general purpose timers, or to wake
up regularly from idle mode. The interrupt cycle time can be adjusted via the timer T14
reload register T14REL. Please refer to “RTC Interrupt Generation” below for more details.
48-bit Timer Operation
The concatenation of the 16-bit reload timer T14 and the 32-bit RTC timer can be
regarded as a 48-bit timer which is clocked with the RTC input frequency divided by the
fixed prescaler. The reload register T14REL should be cleared to get a 48-bit binary
timer. However, any other reload value may be used.
The maximum usable timespan is 248 (
≈ 1014) T14 input clocks, which would equal more
than 100 years at an oscillator frequency of 20 MHz.
MCD04432
T14REL
T14
8:1
RTC
f
RTCL
RTCH
Interrupt
Request
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com