Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 310 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 310 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 306Page - Infineon Technologies AG C167CS Datasheet HTML 307Page - Infineon Technologies AG C167CS Datasheet HTML 308Page - Infineon Technologies AG C167CS Datasheet HTML 309Page - Infineon Technologies AG C167CS Datasheet HTML 310Page - Infineon Technologies AG C167CS Datasheet HTML 311Page - Infineon Technologies AG C167CS Datasheet HTML 312Page - Infineon Technologies AG C167CS Datasheet HTML 313Page - Infineon Technologies AG C167CS Datasheet HTML 314Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 517 page
background image
C167CS
Derivatives
The Real Time Clock
User’s Manual
14-4
V2.0, 2000-07
Defining the RTC Time Base
The reload timer T14 determines the input frequency of the RTC timer, i.e. the RTC time
base, as well as the T14 interrupt cycle time. Table 14-2 lists the interrupt period range
and the T14 reload values (for a time base of 1 s and 1 ms) for several oscillator
frequencies:
Increased RTC Accuracy through Software Correction
The accuracy of the C167CS’s RTC is determined by the oscillator frequency and by the
respective prescaling factor (excluding or including T14). The accuracy limit generated
by the prescaler is due to the quantization of a binary counter (where the average is
zero), while the accuracy limit generated by the oscillator frequency is due to the
difference between ideal and real frequency (and therefore accumulates over time). The
total accuracy of the RTC can be further increased via software for specific applications
that demand a high time accuracy.
The key to the improved accuracy is the knowledge of the exact oscillator frequency. The
relation of this frequency to the expected ideal frequency is a measure for the RTC’s
deviation. The number N of cycles after which this deviation causes an error of ± 1 cycle
can be easily computed. So the only action is to correct the count by ± 1 after each series
of N cycles.
This correction may be applied to the RTC register as well as to T14.
Also the correction may be done cyclic, e.g. within T14’s interrupt service routine, or by
evaluating a formula when the RTC registers are read (for this the respective “last” RTC
value must be available somewhere).
Note: For the majority of applications, however, the standard accuracy provided by the
RTC’s structure will be more than sufficient.
Table 14-2
RTC Interrupt Periods and Reload Values
Oscillator
Frequency
RTC Interrupt Period Reload Value A
Reload Value B
Minimum
Maximum T14REL
Base
T14REL
Base
32.768 kHz
Aux. 244.14
µs 16.0 s
F000H
1.000 s
FFFCH
0.977 ms
32 kHz
Aux. 250
µs
16.38 s
F060H
1.000 s
FFFCH
1.000 ms
32 kHz
Main 8000
µs
524.29 s
FF83H
1.000 s
----
----
4 MHz
Main 64.0
µs
4.19 s
C2F7H
1.000 s
FFF0H
1.024 ms
5 MHz
Main 51.2
µs
3.35 s
B3B5H
0.999 s
FFECH
1.024 ms
8 MHz
Main 32.0
µs
2.10 s
85EEH
1.000 s
FFE1H
0.992 ms
10 MHz
Main 25.6
µs
1.68 s
676AH
0.999 s
FFD9H
0.998 ms
12 MHz
Main 21.3
µs
1.40 s
48E5H
1.000 s
FFD2H
1.003 ms
16 MHz
Main 16.0
µs1.05 s
0BDCH
1.000 s
FFC2H
0.992 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com