Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 312 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 312 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 308Page - Infineon Technologies AG C167CS Datasheet HTML 309Page - Infineon Technologies AG C167CS Datasheet HTML 310Page - Infineon Technologies AG C167CS Datasheet HTML 311Page - Infineon Technologies AG C167CS Datasheet HTML 312Page - Infineon Technologies AG C167CS Datasheet HTML 313Page - Infineon Technologies AG C167CS Datasheet HTML 314Page - Infineon Technologies AG C167CS Datasheet HTML 315Page - Infineon Technologies AG C167CS Datasheet HTML 316Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 517 page
background image
C167CS
Derivatives
The Bootstrap Loader
User’s Manual
15-2
V2.0, 2000-07
15.1
Entering the Bootstrap Loader
The C167CS enters BSL mode triggered by external configuration during a hardware
reset:
• when pin P0L.4 is sampled low at the end of an external reset (EA = ‘0’)
• when pin RD is sampled low at the end of an internal reset (EA = ‘1’).
In this case the built-in bootstrap loader is activated independent of the selected bus
mode. The bootstrap loader code is stored in a special Boot-ROM, no part of the
standard mask ROM, OTP, or Flash memory area is required for this.
The hardware that activates the BSL during reset may be a simple pull-down resistor on
P0L.4 or RD for systems that use this feature upon every hardware reset. You may want
to use a switchable solution (via jumper or an external signal) for systems that only
temporarily use the bootstrap loader.
Figure 15-2
Hardware Provisions to Activate the BSL
The ASC0 receiver is only enabled after the identification byte has been transmitted. A
half duplex connection to the host is therefore sufficient to feed the BSL.
Note: The proper reset configuration for BSL mode requires more pins to be driven
besides P0L.4 or RD.
For an external reset (EA = ‘0’) bitfield SMOD must be configured as 1011B (see
section Section 20.4.1).
For an internal reset (EA = ‘1’) pin ALE must be driven to a defined level, e.g.
ALE = ‘0’ for the standard bootstrap loader (see section Section 20.4.2).
MCA04466
RD
P0L.4
Ext.
Signal
Start
Boot
~2 k
Proposal for Internal Reset
(EA = '1')
RD
P0L.4
Ext.
Signal
Start
Boot
~8 k
Proposal for Internal Reset
(EA = '0')
RD
P0L.4
Ext.
Signal
Start
Boot
Proposal for Combined Circuitry
~2 k
~8 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com