Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 316 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 316 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 312Page - Infineon Technologies AG C167CS Datasheet HTML 313Page - Infineon Technologies AG C167CS Datasheet HTML 314Page - Infineon Technologies AG C167CS Datasheet HTML 315Page - Infineon Technologies AG C167CS Datasheet HTML 316Page - Infineon Technologies AG C167CS Datasheet HTML 317Page - Infineon Technologies AG C167CS Datasheet HTML 318Page - Infineon Technologies AG C167CS Datasheet HTML 319Page - Infineon Technologies AG C167CS Datasheet HTML 320Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 517 page
background image
C167CS
Derivatives
The Bootstrap Loader
User’s Manual
15-6
V2.0, 2000-07
15.4
Choosing the Baudrate for the BSL
The calculation of the serial baudrate for ASC0 from the length of the first zero byte that
is received, allows the operation of the bootstrap loader of the C167CS with a wide range
of baudrates. However, the upper and lower limits have to be kept, in order to ensure
proper data transfer.
The C167CS uses timer T6 to measure the length of the initial zero byte. The
quantization uncertainty of this measurement implies the first deviation from the real
baudrate, the next deviation is implied by the computation of the S0BRL reload value
from the timer contents. The formula below shows the association:
For a correct data transfer from the host to the C167CS the maximum deviation between
the internal initialized baudrate for ASC0 and the real baudrate of the host should be
below 2.5%. The deviation (FB, in percent) between host baudrate and C167CS
baudrate can be calculated via the formula below:
Note: Function (FB) does not consider the tolerances of oscillators and other devices
supporting the serial communication.
This baudrate deviation is a nonlinear function depending on the CPU clock and the
baudrate of the host. The maxima of the function (FB) increase with the host baudrate
due to the smaller baudrate prescaler factors and the implied higher quantization error
(see Figure 15-3).
fCPU
32
S0BRL
1
+
()
⋅
----------------------------------------------
BC167CS =
S0BRL
T6
36
–
72
--------------------
=
T6
9
4
---
f
CPU
B
Host
--------------
⋅
=
,
F
B
B
Contr
B
Host
–
B
Contr
-------------------------------------
100%
⋅
=
F
B
2,5%
≤
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com