Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 317 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 317 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 313Page - Infineon Technologies AG C167CS Datasheet HTML 314Page - Infineon Technologies AG C167CS Datasheet HTML 315Page - Infineon Technologies AG C167CS Datasheet HTML 316Page - Infineon Technologies AG C167CS Datasheet HTML 317Page - Infineon Technologies AG C167CS Datasheet HTML 318Page - Infineon Technologies AG C167CS Datasheet HTML 319Page - Infineon Technologies AG C167CS Datasheet HTML 320Page - Infineon Technologies AG C167CS Datasheet HTML 321Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 517 page
background image
C167CS
Derivatives
The Bootstrap Loader
User’s Manual
15-7
V2.0, 2000-07
Figure 15-3
Baudrate Deviation between Host and C167CS
The minimum baudrate (BLow in Figure 15-3) is determined by the maximum count
capacity of timer T6, when measuring the zero byte, i.e. it depends on the CPU clock.
The minimum baudrate is obtained by using the maximum T6 count 216 in the baudrate
formula. Baudrates below BLow would cause T6 to overflow. In this case ASC0 cannot
be initialized properly and the communication with the external host is likely to fail.
The maximum baudrate (BHigh in Figure 15-3) is the highest baudrate where the
deviation still does not exceed the limit, i.e. all baudrates between BLow and BHigh are
below the deviation limit. BHigh marks the baudrate up to which communication with the
external host will work properly without additional tests or investigations.
Higher baudrates, however, may be used as long as the actual deviation does not
exceed the indicated limit. A certain baudrate (marked I) in Figure 15-3) may e.g. violate
the deviation limit, while an even higher baudrate (marked II) in Figure 15-3) stays very
well below it. Any baudrate can be used for the bootstrap loader provided that the
following three prerequisites are fulfilled:
• the baudrate is within the specified operating range for the ASC0
• the external host is able to use this baudrate
• the computed deviation error is below the limit.
Table 15-2
Bootstrap Loader Baudrate Ranges
fCPU [MHz]
10
12
16
20
25
33
BMAX
312,500
375,000
500,000
625,000
781,250 1,031,250
BHigh
9,600
19,200
19,200
19,200
38,400
38,400
BSTDmin
600
600
600
1,200
1,200
1,200
BLow
344
412
550
687
859
1,133
MCA02260
B
F
2.5%
Low
B
BHigh
Ι
ΙΙ
BHost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com