Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 319 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 319 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 315Page - Infineon Technologies AG C167CS Datasheet HTML 316Page - Infineon Technologies AG C167CS Datasheet HTML 317Page - Infineon Technologies AG C167CS Datasheet HTML 318Page - Infineon Technologies AG C167CS Datasheet HTML 319Page - Infineon Technologies AG C167CS Datasheet HTML 320Page - Infineon Technologies AG C167CS Datasheet HTML 321Page - Infineon Technologies AG C167CS Datasheet HTML 322Page - Infineon Technologies AG C167CS Datasheet HTML 323Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 517 page
background image
C167CS
Derivatives
The Capture/Compare Units
User’s Manual
16-1
V2.0, 2000-07
16
The Capture/Compare Units
The C167CS provides two almost identical Capture/Compare (CAPCOM) units which
only differ in the way they are connected to the C167CS’s IO pins. They provide
32 channels which interact with 4 timers. The CAPCOM units can capture the contents
of a timer on specific internal or external events, or they can compare a timer’s content
with given values and modify output signals in case of a match. With this mechanism
they support generation and control of timing sequences on up to 16 channels per unit
with a minimum of software intervention.
Figure 16-1
SFRs and Port Pins Associated with the CAPCOM Units
E
MCA04386
DP1H
P1H
ODP2
E
DP2
P2
ODP3
E
DP3
P3
E
ODP7
DP7
P7
ODP8
E
DP8
P8
T0
T0REL
T1
T1REL
T7
E
T7REL
E
T8
E
T8REL
E
CC0-3
CC4-7
CC8-11
CC12-15
CC16-19
CC20-23
CC24-27
CC28-31
T01CON
T78CON
CCM0
CCM1
CCM2
CCM3
CCM4
CCM5
CCM6
CCM7
T0IC
T1IC
T7IC
E
T8IC
E
CC0IC-3IC
CC4IC-7IC
CC8IC-11IC
CC12IC-15IC
CC16IC-19IC
CC20IC-23IC
CC24IC-27IC
CC28IC-31IC
Ports & Direction Control
Alternate Functions
Data Registers
Control Registers
Interrupt Control
CC0IO/P2.0..CC15IO/P2.15
CC16IO/P8.0..CC23IO/P8.7
CC28IO/P7.4..CC31IO/P7.7
CC24IO/P1H.4..CC27IO/
P1H.7
ODPx
Port x Open Drain Control Register
DPx
Port x Direction Control Register
Px
Port x Data Register
T01CON
CAPCOM1 Timers T0/T1 Control Register
T78CON
CAPCOM2 Timers T7/T8 Control Register
T0IC/T1IC CAPCOM1 Timer 0/1 Interrupt Ctrl. Reg.
T7IC/T8IC CAPCOM2 Timer 7/8 Interrupt Ctrl. Reg.
TxREL
CAPCOM Timer x Reload Register
E
E
E
E
Tx
CAPCOM Timer x Register
CC0..15
CAPCOM1 Register 0..15
CC16..31
CAPCOM2 Register 16..31
CCM0..3
CAPCOM1 Mode Control Register 0..3
CCM4..7
CAPCOM2 Mode Control Register 4..7
CC0..15IC
CAPCOM1 Interrupt Ctrl. Reg. 0..15
CC16..31IC CAPCOM2 Interrupt Ctrl. Reg. 16..31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com