Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 323 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 323 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 319Page - Infineon Technologies AG C167CS Datasheet HTML 320Page - Infineon Technologies AG C167CS Datasheet HTML 321Page - Infineon Technologies AG C167CS Datasheet HTML 322Page - Infineon Technologies AG C167CS Datasheet HTML 323Page - Infineon Technologies AG C167CS Datasheet HTML 324Page - Infineon Technologies AG C167CS Datasheet HTML 325Page - Infineon Technologies AG C167CS Datasheet HTML 326Page - Infineon Technologies AG C167CS Datasheet HTML 327Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 517 page
background image
C167CS
Derivatives
The Capture/Compare Units
User’s Manual
16-5
V2.0, 2000-07
The functions of the CAPCOM timers are controlled via the bitaddressable 16-bit control
registers T01CON and T78CON. The high-byte of T01CON controls T1, the low-byte of
T01CON controls T0, the high-byte of T78CON controls T8, the low-byte of T78CON
controls T7. The control options are identical for all four timers (except for external input).
T01CON
CAPCOM Timer 0/1 Ctrl. Reg.
SFR (FF50H/A8H)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
-
T1R
-
-
T1M
T1I
-
T0R
-
-
T0M
T0I
-
rw
-
-
rw
rw
-
rw
-
-
rw
rw
T78CON
CAPCOM Timer 7/8 Ctrl. Reg.
SFR (FF20H/90H)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
-
T8R
-
-
T8M
T8I
-
T7R
-
-
T7M
T7I
-
rw
-
-
rw
rw
-
rw
-
-
rw
rw
Bit
Function
TxI
Timer/Counter x Input Selection
Timer Mode (TxM = ‘0’):
Input Frequency =
fCPU / 2
(<TxI> + 3)
See also Table 16-2 - Table 16-4 for examples.
Counter Mode (TxM = ‘1’):
000 Overflow/Underflow of GPT2 Timer 6
001 Positive (rising) edge on pin T7IN1)
010 Negative (falling) edge on pin T7IN1)
011 Any edge (rising and falling) on pin T7IN1)
1XX Reserved
1) This selection is available for timers T0 and T7. Timers T1 and T8 will stop at this selection!
TxM
Timer/Counter x Mode Selection
0:
Timer Mode (Input derived from internal clock)
1:
Counter Mode (Input from External Input or T6)
TxR
Timer/Counter x Run Control
0:
Timer/Counter x is disabled
1:
Timer/Counter x is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com