Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 325 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 325 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 321Page - Infineon Technologies AG C167CS Datasheet HTML 322Page - Infineon Technologies AG C167CS Datasheet HTML 323Page - Infineon Technologies AG C167CS Datasheet HTML 324Page - Infineon Technologies AG C167CS Datasheet HTML 325Page - Infineon Technologies AG C167CS Datasheet HTML 326Page - Infineon Technologies AG C167CS Datasheet HTML 327Page - Infineon Technologies AG C167CS Datasheet HTML 328Page - Infineon Technologies AG C167CS Datasheet HTML 329Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 517 page
background image
C167CS
Derivatives
The Capture/Compare Units
User’s Manual
16-7
V2.0, 2000-07
Table 16-2
Timer Input Frequencies, Resolution and Period @ 20 MHz
fCPU = 20 MHz
Timer Input Selection TxI
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler (1:N)
8
16
32
64
128
256
512
1024
Input Frequency 2.5
MHz
1.25
MHz
625
kHz
312.5
kHz
156.25
kHz
78.125
kHz
39.06
kHz
19.53
kHz
Resolution
400
ns
800
ns
1.6
µs
3.2
µs
6.4
µs
12.8
µs
25.6
µs
51.2
µs
Period
26
ms
52.5
ms
105
ms
210
ms
420
ms
840
ms
1.68
s
3.36
s
Table 16-3
Timer Input Frequencies, Resolution and Period @ 25 MHz
fCPU = 25 MHz
Timer Input Selection TxI
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler (1:N)
8
16
32
64
128
256
512
1024
Input Frequency 3.125
MHz
1.563
MHz
781.25
kHz
390.63
kHz
195.31
kHz
97.656
kHz
48.828
kHz
24.414
kHz
Resolution
320
ns
640
ns
1.28
µs
2.56
µs
5.12
µs
10.24
µs
20.48
µs
40.96
µs
Period
21
ms
42
ms
84
ms
168
ms
336
ms
672
ms
1.344
s
2.688
s
Table 16-4
Timer Input Frequencies, Resolution and Period @ 33 MHz
fCPU = 33 MHz
Timer Input Selection TxI
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler (1:N)
8
16
32
64
128
256
512
1024
Input Frequency 4.125
MHz
2.063
MHz
1.031
MHz
515.63
kHz
257.81
kHz
128.91
kHz
64.453
kHz
32.227
kHz
Resolution
242
ns
485
ns
970
ns
1.94
µs
3.88
µs
7.76
µs
15.52
µs
31.03
µs
Period
15.89
ms
31.78
ms
63.55
ms
127.10
ms
254.20
ms
508.40
ms
1.017
s
2.034
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com