Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 326 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 326 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 322Page - Infineon Technologies AG C167CS Datasheet HTML 323Page - Infineon Technologies AG C167CS Datasheet HTML 324Page - Infineon Technologies AG C167CS Datasheet HTML 325Page - Infineon Technologies AG C167CS Datasheet HTML 326Page - Infineon Technologies AG C167CS Datasheet HTML 327Page - Infineon Technologies AG C167CS Datasheet HTML 328Page - Infineon Technologies AG C167CS Datasheet HTML 329Page - Infineon Technologies AG C167CS Datasheet HTML 330Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 517 page
background image
C167CS
Derivatives
The Capture/Compare Units
User’s Manual
16-8
V2.0, 2000-07
Counter Mode
The bits TxM in SFRs T01CON and T78CON select between timer or counter mode for
the respective timer. In Counter mode (TxM = ‘1’) the input clock for a timer can be
derived from the overflows/underflows of timer T6 in block GPT2. In addition, timers T0
and T7 can be clocked by external events. Either a positive, a negative, or both a positive
and a negative transition at pin T0IN or T7IN (alternate port input function), respectively,
can be selected to cause an increment of T0/T7.
When T1 or T8 is programmed to run in counter mode, bit field TxI is used to enable the
overflows/underflows of timer T6 as the count source. This is the only option for these
timers and it is selected by the combination TxI = 000B. When bit field TxI is programmed
to any other valid combination, the respective timer will stop.
When T0 or T7 is programmed to run in counter mode, bit field TxI is used to select the
count source and transition (if the source is the input pin) which should cause a count
trigger (see description of TxyCON for the possible selections).
Note: In order to use pin T0IN or T7IN as external count input pin, the respective port pin
must be configured as input, i.e. the corresponding direction control bit must be
cleared (DPx.y = ‘0’).
If the respective port pin is configured as output, the associated timer may be
clocked by modifying the port output latches Px.y via software, e.g. for testing
purposes.
The maximum external input frequency to T0 or T7 in counter mode is
fCPU/16. To
ensure that a signal transition is properly recognized at the timer input, an external count
input signal should be held for at least 8 CPU clock cycles before it changes its level
again. The incremented count value appears in SFR T0/T7 within 8 CPU clock cycles
after the signal transition at pin TxIN.
Reload
A reload of a timer with the 16-bit value stored in its associated reload register in both
modes is performed each time a timer would overflow from FFFFH to 0000H. In this case
the timer does not wrap around to 0000H, but rather is reloaded with the contents of the
respective reload register TxREL. The timer then resumes incrementing starting from the
reloaded value.
The reload registers TxREL are not bitaddressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com