Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 320 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 320 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 316Page - Infineon Technologies AG C167CS Datasheet HTML 317Page - Infineon Technologies AG C167CS Datasheet HTML 318Page - Infineon Technologies AG C167CS Datasheet HTML 319Page - Infineon Technologies AG C167CS Datasheet HTML 320Page - Infineon Technologies AG C167CS Datasheet HTML 321Page - Infineon Technologies AG C167CS Datasheet HTML 322Page - Infineon Technologies AG C167CS Datasheet HTML 323Page - Infineon Technologies AG C167CS Datasheet HTML 324Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 517 page
background image
C167CS
Derivatives
The Capture/Compare Units
User’s Manual
16-2
V2.0, 2000-07
From the programmer’s point of view, the term ‘CAPCOM unit’ refers to a set of SFRs
which are associated with this peripheral, including the port pins which may be used for
alternate input/output functions including their direction control bits.
A CAPCOM unit is typically used to handle high speed IO tasks such as pulse and
waveform generation, pulse width modulation, or recording of the time at which specific
events occur. It also allows the implementation of up to 16 software timers. The
maximum resolution of the CAPCOM units is 8 CPU clock cycles (= 16 TCL).
Each CAPCOM unit consists of two 16-bit timers (T0/T1 in CAPCOM1, T7/T8 in
CAPCOM2), each with its own reload register (TxREL), and a bank of sixteen dual
purpose 16-bit capture/compare registers (CC0 through CC15 in CAPCOM1, CC16
through CC31 in CAPCOM2).
The input clock for the CAPCOM timers is programmable to several prescaled values of
the CPU clock, or it can be derived from an overflow/underflow of timer T6 in block
GPT2. T0 and T7 may also operate in counter mode (from an external input) where they
can be clocked by external events.
Each capture/compare register may be programmed individually for capture or compare
function, and each register may be allocated to either timer of the associated unit. All
capture/compare registers of each module have one port pin associated with it,
respectively, which serves as an input pin for the capture function or as an output pin for
the compare function. The capture function causes the current timer contents to be
latched into the respective capture/compare register triggered by an event (transition) on
its associated port pin. The compare function may cause an output signal transition on
that port pin whose associated capture/compare register matches the current timer
contents. Specific interrupt requests are generated upon each capture/compare event
or upon timer overflow.
Figure 16-2 shows the basic structure of the two CAPCOM units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com