Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 314 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 314 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 310Page - Infineon Technologies AG C167CS Datasheet HTML 311Page - Infineon Technologies AG C167CS Datasheet HTML 312Page - Infineon Technologies AG C167CS Datasheet HTML 313Page - Infineon Technologies AG C167CS Datasheet HTML 314Page - Infineon Technologies AG C167CS Datasheet HTML 315Page - Infineon Technologies AG C167CS Datasheet HTML 316Page - Infineon Technologies AG C167CS Datasheet HTML 317Page - Infineon Technologies AG C167CS Datasheet HTML 318Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 517 page
background image
C167CS
Derivatives
The Bootstrap Loader
User’s Manual
15-4
V2.0, 2000-07
Memory Configuration after Reset
The configuration (i.e. the accessibility) of the C167CS’s memory areas after reset in
bootstrap loader mode differs from the standard case. Pin EA does not select the code
source in BSL mode, and accesses to the internal code memory are partly redirected,
while the C167CS is in BSL mode (see Table 15-1). All code fetches are made from the
special Boot-ROM, while data accesses read from the internal code memory. Data
accesses will return undefined values on ROMless devices.
Note: The code in the Boot-ROM is not an invariant feature of the C167CS. User
software should not try to execute code from the internal ROM area while the BSL
mode is still active, as these fetches will be redirected to the Boot-ROM.
The Boot-ROM will also “move” to segment 1, when the internal ROM area is
mapped to segment 1.
Table 15-1
BSL Memory Configurations
BSL mode active
Yes
Yes
No
EA pin
high
low
acc. to application
Code fetch from
internal ROM area
Boot-ROM access
Boot-ROM access
User ROM access
Data fetch from
internal ROM area
User ROM access
User ROM access
User ROM access
MCA04383
1
Int.
RAM
0
Access to
int. ROM
enabled
Access to
external
bus
disabled
16 MBytes
MCA04384
1
Int.
RAM
0
Access to
int. ROM
enabled
Access to
external
bus
enabled
16 MBytes
MCA04385
1
Int.
RAM
0
Depends
on reset
config.
Depends
on reset
config.
(EA, P0)
16 MBytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com