Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 313 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 313 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 309Page - Infineon Technologies AG C167CS Datasheet HTML 310Page - Infineon Technologies AG C167CS Datasheet HTML 311Page - Infineon Technologies AG C167CS Datasheet HTML 312Page - Infineon Technologies AG C167CS Datasheet HTML 313Page - Infineon Technologies AG C167CS Datasheet HTML 314Page - Infineon Technologies AG C167CS Datasheet HTML 315Page - Infineon Technologies AG C167CS Datasheet HTML 316Page - Infineon Technologies AG C167CS Datasheet HTML 317Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 517 page
background image
C167CS
Derivatives
The Bootstrap Loader
User’s Manual
15-3
V2.0, 2000-07
Initial State in BSL Mode
After entering BSL mode and the respective initialization1) the C167CS scans the RxD0
line to receive a zero byte, i.e. one start bit, eight ‘0’ data bits and one stop bit. From the
duration of this zero byte it calculates the corresponding baudrate factor with respect to
the current CPU clock, initializes the serial interface ASC0 accordingly and switches pin
TxD0 to output. Using this baudrate, an identification byte is returned to the host that
provides the loaded data.
This identification byte identifies the device to be booted. The following codes are
defined:
55H:
8xC166.
A5H:
Previous versions of the C167 (obsolete).
B5H:
Previous versions of the C165.
C5H:
C167 derivatives.
D5H:
All devices equipped with identification registers.
Note: The identification byte D5H does not directly identify a specific derivative. This
information can in this case be obtained from the identification registers.
When the C167CS has entered BSL mode, the following configuration is automatically
set (values that deviate from the normal reset values, are
marked):
Watchdog Timer:
Disabled
Register STKUN:
FC00H
Context Pointer CP:
FA00H
Register STKOV:
F600H
Stack Pointer SP:
FA40H
Register BUSCON0:
acc. to startup config.
Register S0CON:
8011H
P3.10/TXD0:
‘1’
Register S0BG:
acc. to ‘00’ byte
DP3.10:
‘1’
Other than after a normal reset the watchdog timer is disabled, so the bootstrap loading
sequence is not time limited. Pin TxD0 is configured as output, so the C167CS can return
the identification byte.
Note: Even if the internal ROM/OTP/Flash is enabled, no code can be executed out of
it while the C167CS is in BSL mode.
1) The external host should not send the zero byte before the end of the BSL initialization time (see Figure 15-1)
to make sure that it is correctly received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com