Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 309 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 309 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 305Page - Infineon Technologies AG C167CS Datasheet HTML 306Page - Infineon Technologies AG C167CS Datasheet HTML 307Page - Infineon Technologies AG C167CS Datasheet HTML 308Page - Infineon Technologies AG C167CS Datasheet HTML 309Page - Infineon Technologies AG C167CS Datasheet HTML 310Page - Infineon Technologies AG C167CS Datasheet HTML 311Page - Infineon Technologies AG C167CS Datasheet HTML 312Page - Infineon Technologies AG C167CS Datasheet HTML 313Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 517 page
background image
C167CS
Derivatives
The Real Time Clock
User’s Manual
14-3
V2.0, 2000-07
RTC Register Access
The actual value of the RTC is represented by the 3 registers T14, RTCL and RTCH. As
these registers are concatenated to build the RTC counter chain, internal overflows
occur while the RTC is running. When reading or writing the RTC value make sure to
account for such internal overflows in order to avoid reading/writing corrupted values.
When reading/writing e.g. 0000H to RTCH and then accessing RTCL will produce a
corrupted value as RTCL may overflow before it can be accessed. In this case, however,
RTCH would be 0001H. The same precautions must be taken for T14 and T14REL.
RTC Interrupt Generation
The RTC interrupt shares the XPER3 interrupt node with the PLL/OWD interrupt. This is
controlled by the interrupt subnode control register ISNC. The interrupt handler can
determine the source of an interrupt request via the separate interrupt request and
enable flags (see Figure 14-3) provided in register ISNC.
Note: If only one source is enabled no additional software check is required, of course.
Figure 14-3
RTC Interrupt Logic
If T14 interrupts are to be used both stages, the interrupt node (XP3IE = ‘1’) and the RTC
subnode (RTCIE = ‘1’) must be enabled.
Please note that the node request bit XP3IR is automatically cleared when the interrupt
handler is vectored to, while the subnode request bit RTCIR must be cleared by software.
MCA04464
RTCIE
Intr. Enable
Intr. Enable
PLLIR
RTCIR
PLL/OWD
Interrupt
T14
Interrupt
XPER3
Interrupt
Node
PLLIE
Intr. Request
Intr. Request
Interrupt
Controller
Register ISNC
Register XP3IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com