Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 305 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 305 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 301Page - Infineon Technologies AG C167CS Datasheet HTML 302Page - Infineon Technologies AG C167CS Datasheet HTML 303Page - Infineon Technologies AG C167CS Datasheet HTML 304Page - Infineon Technologies AG C167CS Datasheet HTML 305Page - Infineon Technologies AG C167CS Datasheet HTML 306Page - Infineon Technologies AG C167CS Datasheet HTML 307Page - Infineon Technologies AG C167CS Datasheet HTML 308Page - Infineon Technologies AG C167CS Datasheet HTML 309Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 517 page
background image
C167CS
Derivatives
The Watchdog Timer (WDT)
User’s Manual
13-5
V2.0, 2000-07
Table 13-1 marks the possible ranges (depending on the prescaler bits WDTPRE and
WDTIN) for the watchdog time which can be achieved using a certain CPU clock.
Note: For safety reasons, the user is advised to rewrite WDTCON each time before the
watchdog timer is serviced.
Table 13-1
Watchdog Time Ranges
CPU clock
fCPU
Prescaler
Reload value in WDTREL
fWDT
FFH
7FH
00H
12 MHz
00
fCPU / 2
42.67
µs 5.50
ms
10.92
ms
01
fCPU / 4
85.33
µs 11.01
ms
21.85
ms
10
fCPU / 128
2.73
ms
352.3
ms
699.1
ms
11
fCPU / 256
5.46
ms
704.5
ms
1398
ms
16 MHz
00
fCPU / 2
32.00
µs4.13
ms8.19
ms
01
fCPU / 4
64.00
µs 8.26
ms
16.38
ms
10
fCPU / 128
2.05
ms
264.2
ms
524.3
ms
11
fCPU / 256
4.10
ms
528.4
ms
1049
ms
20 MHz
00
fCPU / 2
25.60
µs3.30
ms6.55
ms
01
fCPU / 4
51.20
µs 6.61
ms
13.11
ms
10
fCPU / 128
1.64
ms
211.4
ms
419.4
ms
11
fCPU / 256
3.28
ms
422.7
ms
838.9
ms
25 MHz
00
fCPU / 2
20.48
µs2.64
ms5.24
ms
01
fCPU / 4
40.96
µs 5.28
ms
10.49
ms
10
fCPU / 128
1.31
ms
169.1
ms
335.5
ms
11
fCPU / 256
2.62
ms
338.2
ms
671.1
ms
33 MHz
00
fCPU / 2
15.52
µs2.00
ms3.97
ms
01
fCPU / 4
31.03
µs4.00
ms7.94
ms
10
fCPU / 128
0.99
ms
128.1
ms
254.2
ms
11
fCPU / 256
1.99
ms
256.2
ms
508.4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com