| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 307 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 307 Page - Infineon Technologies AG |
|
307 / 517 page ![]() C167CS Derivatives The Real Time Clock User’s Manual 14-1 V2.0, 2000-07 14 The Real Time Clock The Real Time Clock (RTC) module of the C167CS basically is an independent timer chain which is clocked directly with the oscillator clock and serves for different purposes: • System clock to determine the current time and date • Cyclic time based interrupt • 48-bit timer for long term measurements Figure 14-1 SFRs Associated with the RTC Module The RTC module consists of a chain of 3 divider blocks, a fixed 8:1 divider, the reloadable 16-bit timer T14 and the 32-bit RTC timer (accessible via registers RTCH and RTCL). Both timers count up. The clock signal for the RTC module is directly derived from the on-chip oscillator frequency (not from the CPU clock) and fed through a separate clock driver. It is therefore independent from the selected clock generation mode of the C167CS and is controlled by the clock generation circuitry. Note: The RTC registers are not affected by a reset. After a power on reset, however, they are undefined. Table 14-1 RTC Register Location within the ESFR space. Register Name Long / Short Address Reset Value Notes T14 F0D2H / 69H UUUUH Prescaler timer, generates input clock for RTC register and periodic interrupt T14REL F0D0H / 68H UUUUH Timer reload register RTCH F0D6H / 6BH UUUUH High word of RTC register RTCL F0D4H / 6AH UUUUH Low word of RTC register MCA04463 SYSCON2 T14REL T14 ISNC Control Registers Data Registers Counter Registers Interrupt Control RTCH Real Time Clock Register, High Word RTCL Real Time Clock Register, Low Word ISNC Interrupt Subnode Control Register XP3IC RTC Interrupt Control Register XP3IC E EE RTCH E RTCL E E SYSCON2 Power Management Control Register T14REL Timer T14 Reload Register T14 Timer T14 Count Register E |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |