Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 306 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 306 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 302Page - Infineon Technologies AG C167CS Datasheet HTML 303Page - Infineon Technologies AG C167CS Datasheet HTML 304Page - Infineon Technologies AG C167CS Datasheet HTML 305Page - Infineon Technologies AG C167CS Datasheet HTML 306Page - Infineon Technologies AG C167CS Datasheet HTML 307Page - Infineon Technologies AG C167CS Datasheet HTML 308Page - Infineon Technologies AG C167CS Datasheet HTML 309Page - Infineon Technologies AG C167CS Datasheet HTML 310Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 517 page
background image
C167CS
Derivatives
The Watchdog Timer (WDT)
User’s Manual
13-6
V2.0, 2000-07
13.2
Reset Source Indication
The reset indication flags in register WDTCON provide information on the source for the
last reset. As the C167CS starts executing from location 00’0000H after any possible
reset event the initialization software may check these flags in order to determine if the
recent reset event was triggered by an external hardware signal (via RSTIN), by
software itself or by an overflow of the watchdog timer. The initialization (and also the
further operation) of the microcontroller system can thus be adapted to the respective
circumstances, e.g. a special routine may verify the software integrity after a watchdog
timer reset.
The reset indication flags are not mutually exclusive, i.e. more than one flag may be set
after reset depending on its source. Table 13-2 summarizes the possible combinations:
Long Hardware Reset is indicated when the RSTIN input is still sampled low (active) at
the end of a hardware triggered internal reset sequence.
Short Hardware Reset is indicated when the RSTIN input is sampled high (inactive) at
the end of a hardware triggered internal reset sequence.
Software Reset is indicated after a reset triggered by the excution of instruction SRST.
Watchdog Timer Reset is indicated after a reset triggered by an overflow of the
watchdog timer.
Note: When bidirectional reset is enabled the RSTIN pin is pulled low for the duration of
the internal reset sequence upon any sort of reset.
Therefore always a long hardware reset (LHWR) will be recognized in any case.
Table 13-2
Reset Indication Flag Combinations
Event
Reset Indication Flags1)
1) Description of table entries:
‘1’ = flag is set, ‘0’ = flag is cleared, ‘–’ = flag is not affected,
‘
∗’ = flag is set in bidirectional reset mode, not affected otherwise.
LHWR
SHWR
SWR
WDTR
Long Hardware Reset
1110
Short Hardware Reset
∗
110
Software Reset
∗∗
1
–
Watchdog Timer Reset
∗∗
11
EINIT instruction
000–
SRVWDT instruction
–––0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com