Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 122 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 122 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 118Page - Infineon Technologies AG C167CS Datasheet HTML 119Page - Infineon Technologies AG C167CS Datasheet HTML 120Page - Infineon Technologies AG C167CS Datasheet HTML 121Page - Infineon Technologies AG C167CS Datasheet HTML 122Page - Infineon Technologies AG C167CS Datasheet HTML 123Page - Infineon Technologies AG C167CS Datasheet HTML 124Page - Infineon Technologies AG C167CS Datasheet HTML 125Page - Infineon Technologies AG C167CS Datasheet HTML 126Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 517 page
background image
C167CS
Derivatives
Clock Generation
User’s Manual
6-4
V2.0, 2000-07
6.2
Frequency Control
The CPU clock is generated from the oscillator clock in either of two software selectable
ways:
The basic clock is the standard operating clock for the C167CS and is required to
deliver the intended maximum performance. The clock configuration in register RP0H
(bitfield CLKCFG = RP0H.7-5) determines one of three possible basic clock generation
modes:
• Direct Drive: the oscillator clock is directly fed to the controller hardware.
• Prescaler: the oscillator clock is divided by 2 to achieve a 50% duty cycle.
• PLL: the oscillator clock is multiplied by a configurable factor of F = 1.5 … 5.
The Slow Down clock is the oscillator clock divided by a programmable factor of
1 … 32 (additional 2:1 divider in prescaler mode). This alternate possibility runs the
C167CS at a lower frequency (depending on the programmed slow down factor) and
thus greatly reduces its power consumption.
Figure 6-4
Frequency Control Paths
Note: The configuration register RP0H is loaded with the logic levels present on the
upper half of PORT0 (P0H) after a long hardware reset, i.e. bitfield CLKCFG
represents the logic levels on pins P0.15-13 (P0H.7-5).
MCD04458
Configuration
PLL
SDD
2:1
CPU Clock
f
CPU
Oscillator
Clock
f
OSC
OWD
Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com