Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 132 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 132 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 128Page - Infineon Technologies AG C167CS Datasheet HTML 129Page - Infineon Technologies AG C167CS Datasheet HTML 130Page - Infineon Technologies AG C167CS Datasheet HTML 131Page - Infineon Technologies AG C167CS Datasheet HTML 132Page - Infineon Technologies AG C167CS Datasheet HTML 133Page - Infineon Technologies AG C167CS Datasheet HTML 134Page - Infineon Technologies AG C167CS Datasheet HTML 135Page - Infineon Technologies AG C167CS Datasheet HTML 136Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-5
V2.0, 2000-07
Driver Characteristic
This defines either the general driving capability of the respective driver, or if the driver
strength is reduced after the target output level has been reached or not. Reducing the
driver strength increases the output’s internal resistance which attenuates noise that is
imported/exported via the output line. For driving LEDs or power transistors, however, a
stable high output current may still be required.
The controllable output drivers of the C167CS pins feature two differently sized
transistors (strong and weak) for each direction (push and pull). The time of activating/
deactivating these transistors determines the output characteristics of the respective
port driver.
Three modes can be selected to adapt the driver characteristics to the application’s
requirements:
In High Current Mode both transistors are activated all the time. In this case the driver
provides maximum output current even after the target signal level is reached.
In Low Noise Mode both transistors are activated at the beginning of a signal transition.
When the target signal level is reached the driver strength is reduced by switching off the
strong transistor. The weak transistor will keep the specified output level while the
susceptibility for noise is reduced.
In Low Current Mode only the weak transistor is activated while the strong transistor
remains off. This results in smooth transitions with low current peaks (and reduced
susceptibility for noise) on the cost of increased transition times, i.e. slower edges,
depending on the capacitive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com