Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 134 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 134 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 130Page - Infineon Technologies AG C167CS Datasheet HTML 131Page - Infineon Technologies AG C167CS Datasheet HTML 132Page - Infineon Technologies AG C167CS Datasheet HTML 133Page - Infineon Technologies AG C167CS Datasheet HTML 134Page - Infineon Technologies AG C167CS Datasheet HTML 135Page - Infineon Technologies AG C167CS Datasheet HTML 136Page - Infineon Technologies AG C167CS Datasheet HTML 137Page - Infineon Technologies AG C167CS Datasheet HTML 138Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-7
V2.0, 2000-07
The Port Output Control registers POCONx provide the corresponding control bits.
For each feature (edge/driver characteristic and for each port nibble) a 2-bit control field
is provided (i.e. 4 bits for each port nibble). Word ports consume four control nibbles
each, byte ports consume two control nibbles each, where each control nibble controls
4 pins of the respective port.
The general register layout shown below is valid for all POCON registers. Please note
that for byte ports only two pairs of bitfields are provided (see Table 7-2).
Table 7-2 lists the defined POCON registers and the allocation of control bitfields and
port pins.
POCON*
Port Output Control Reg. *
ESFR (F0xxH/yyH)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
PN3DC
PN3EC
PN2DC
PN2EC
PN1DC
PN1EC
PN0DC
PN0EC
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
PNxEC
Port Nibble x Edge Characteristic (Defines the output rise/fall time
tRF)
00:
Fast edge mode, rise/fall times depend on the driver’s dimensioning.
01:
Reduced edge mode.
10:
Reserved.
11:
Reserved.
PNxDC
Port Nibble x Driver Characteristic (Defines the current delivered by
the output)
00:
High Current mode:
Driver always operates with maximum strength.
01:
Low Current mode:
Driver always operates with reduced strength.
10:
Dynamic Current mode:
Driver strength is reduced after the target level has been reached.
11:
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com