Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 137 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 137 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 133Page - Infineon Technologies AG C167CS Datasheet HTML 134Page - Infineon Technologies AG C167CS Datasheet HTML 135Page - Infineon Technologies AG C167CS Datasheet HTML 136Page - Infineon Technologies AG C167CS Datasheet HTML 137Page - Infineon Technologies AG C167CS Datasheet HTML 138Page - Infineon Technologies AG C167CS Datasheet HTML 139Page - Infineon Technologies AG C167CS Datasheet HTML 140Page - Infineon Technologies AG C167CS Datasheet HTML 141Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-10
V2.0, 2000-07
If an alternate output function of a pin is to be used, the direction of this pin must be
programmed for output (DPx.y = ‘1’), except for some signals that are used directly after
reset
and
are
configured
automatically.
Otherwise
the
pin
remains
in
the
high-impedance state and is not effected by the alternate output function. The respective
port latch should hold a ‘1’, because its output is combined with the alternate output data.
X-Peripherals (peripherals connected to the on-chip XBUS) control their associated IO
pins directly via separate control lines.
If an alternate input function of a pin is used, the direction of the pin must be
programmed for input (DPx.y = ‘0’) if an external device is driving the pin. The input
direction is the default after reset. If no external device is connected to the pin, however,
one can also set the direction for this pin to output. In this case, the pin reflects the state
of the port output latch. Thus, the alternate input function reads the value stored in the
port output latch. This can be used for testing purposes to allow a software trigger of an
alternate input function by writing to the port output latch.
On most of the port lines, the user software is responsible for setting the proper direction
when using an alternate input or output function of a pin. This is done by setting or
clearing the direction control bit DPx.y of the pin before enabling the alternate function.
There are port lines, however, where the direction of the port line is switched
automatically. For instance, in the multiplexed external bus modes of PORT0, the
direction must be switched several times for an instruction fetch in order to output the
addresses and to input the data. Obviously, this cannot be done through instructions. In
these cases, the direction of the port line is switched automatically by hardware if the
alternate function of such a pin is enabled.
To determine the appropriate level of the port output latches check how the alternate
data output is combined with the respective port latch output.
There is one basic structure for all port lines with only an alternate input function. Port
lines with only an alternate output function, however, have different structures due to the
way the direction of the pin is switched and depending on whether the pin is accessible
by the user software or not in the alternate function mode.
All port lines that are not used for these alternate functions may be used as general
purpose IO lines. When using port pins for general purpose output, the initial output
value should be written to the port latch prior to enabling the output drivers, in order to
avoid undesired transitions on the output pins.
This applies to single pins as well as to pin groups (see examples below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com