Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 140 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 140 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 136Page - Infineon Technologies AG C167CS Datasheet HTML 137Page - Infineon Technologies AG C167CS Datasheet HTML 138Page - Infineon Technologies AG C167CS Datasheet HTML 139Page - Infineon Technologies AG C167CS Datasheet HTML 140Page - Infineon Technologies AG C167CS Datasheet HTML 141Page - Infineon Technologies AG C167CS Datasheet HTML 142Page - Infineon Technologies AG C167CS Datasheet HTML 143Page - Infineon Technologies AG C167CS Datasheet HTML 144Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-13
V2.0, 2000-07
Alternate Functions of PORT0
When an external bus is enabled, PORT0 is used as data bus or address/data bus.
Note that an external 8-bit demultiplexed bus only uses P0L, while P0H is free for IO
(provided that no other bus mode is enabled).
PORT0 is also used to select the system startup configuration. During reset, PORT0 is
configured to input, and each line is held high through an internal pullup device. Each
line can now be individually pulled to a low level (see DC-level specifications in the
respective Data Sheets) through an external pulldown device. A default configuration is
selected when the respective PORT0 lines are at a high level. Through pulling individual
lines to a low level, this default can be changed according to the needs of the
applications.
The internal pullup devices are designed such that an external pulldown resistors (see
Data Sheet specification) can be used to apply a correct low level. These external
pulldown resistors can remain connected to the PORT0 pins also during normal
operation, however, care has to be taken such that they do not disturb the normal
function of PORT0 (this might be the case, for example, if the external resistor is too
strong).
With the end of reset, the selected bus configuration will be written to the BUSCON0
register. The configuration of the high byte of PORT0 will be copied into the special
register RP0H. This read-only register holds the selection for the number of chip selects
DP0L
P0L Direction Ctrl. Register
ESFR (F100H/80H)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
DP0L
.7
DP0L
.6
DP0L
.5
DP0L
.4
DP0L
.3
DP0L
.2
DP0L
.1
DP0L
.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
DP0H
P0H Direction Ctrl. Register
ESFR (F102H/81H)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
DP0H
.7
DP0H
.6
DP0H
.5
DP0H
.4
DP0H
.3
DP0H
.2
DP0H
.1
DP0H
.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
DP0X.y
Port direction register DP0H or DP0L bit y
DP0X.y = 0: Port line P0X.y is an input (high-impedance)
DP0X.y = 1: Port line P0X.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com