Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 144 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 144 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 140Page - Infineon Technologies AG C167CS Datasheet HTML 141Page - Infineon Technologies AG C167CS Datasheet HTML 142Page - Infineon Technologies AG C167CS Datasheet HTML 143Page - Infineon Technologies AG C167CS Datasheet HTML 144Page - Infineon Technologies AG C167CS Datasheet HTML 145Page - Infineon Technologies AG C167CS Datasheet HTML 146Page - Infineon Technologies AG C167CS Datasheet HTML 147Page - Infineon Technologies AG C167CS Datasheet HTML 148Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-17
V2.0, 2000-07
Alternate Functions of PORT1
When a demultiplexed external bus is enabled, PORT1 is used as address bus.
Note that demultiplexed bus modes use PORT1 as a 16-bit port. Otherwise all 16 port
lines can be used for general purpose IO.
The lower eight pins of PORT1 (P1L.7 … P1L.0) are also connected to the input
multiplexer of the Analog/Digital Converter. For pins that shall be used as analog inputs
it is recommended to disable the digital input stage via register P1DIDIS (see description
below). This avoids undesired cross currents and switching noise while the (analog)
input signal level is between
VIL and VIH. These port lines accept analog signal for the
extension channels (AN23 … AN16).
The upper four pins of PORT1 (P1H.7 … P1H.4) also serve as capture inputs or
compare outputs (CC27IO … CC24IO) for the CAPCOM2 unit.
The usage of the port lines by the CAPCOM unit, its accessibility via software, and the
precautions are the same as described for the Port 2 lines.
As all other capture inputs, the capture input function of pins P1H.7 … P1H.4 can also
be used as external interrupt inputs (sample rate 16 TCL).
As a side effect, the capture input capability of these lines can also be used in the
address bus mode. Hereby changes of the upper address lines could be detected and
DP1L
P1L Direction Ctrl. Register
ESFR (F104H/82H)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
DP1
L.7
DP1
L.6
DP1
L.5
DP1
L.4
DP1
L.3
DP1
L.2
DP1
L.1
DP1
L.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
DP1H
P1H Direction Ctrl. Register
ESFR (F106H/83H)
Reset Value: - - 00H
15
14
13
12
11
10
9876
543210
DP1
H.7
DP1
H.6
DP1
H.5
DP1
H.4
DP1
H.3
DP1
H.2
DP1
H.1
DP1
H.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
DP1X.y
Port direction register DP1H or DP1L bit y
DP1X.y = 0: Port line P1X.y is an input (high-impedance)
DP1X.y = 1: Port line P1X.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com