Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 146 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 146 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 142Page - Infineon Technologies AG C167CS Datasheet HTML 143Page - Infineon Technologies AG C167CS Datasheet HTML 144Page - Infineon Technologies AG C167CS Datasheet HTML 145Page - Infineon Technologies AG C167CS Datasheet HTML 146Page - Infineon Technologies AG C167CS Datasheet HTML 147Page - Infineon Technologies AG C167CS Datasheet HTML 148Page - Infineon Technologies AG C167CS Datasheet HTML 149Page - Infineon Technologies AG C167CS Datasheet HTML 150Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-19
V2.0, 2000-07
PORT1 Digital Input Control
The pins of P1L may be used for both digital an analog input. By setting the respective
bit in register P1DIDIS the digital input stage of the respective P1L pin can be
disconnected from the pin. This is recommended when the pin is to be used as analog
input, as it reduces the current through the digital input stage and prevents it from
toggling while the (analog) input level is between the digital low and high thresholds. So
the consumed power and the generated noise can be reduced.
After reset all digital input stages are enabled.
Figure 7-9 shows the structure of PORT1 pins. The upper 4 pins of PORT1 combine
internal bus data and alternate data output before the port latch input.
P1DIDIS
P1L Digital Inp. Disable Reg.
SFR (FEA4H/52H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
P1D
.7
P1D
.6
P1D
.5
P1D
.4
P1D
.3
P1D
.2
P1D
.1
P1D
.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
P1D.y
Port P1L Bit y Digital Input Control
0:
Digital input stage connected to port line P1L.y
1:
Digital input stage disconnected from port line P1L.y
When being read or used as alternate input this line appears as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com