| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 145 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 145 Page - Infineon Technologies AG |
|
145 / 517 page ![]() C167CS Derivatives Parallel Ports User’s Manual 7-18 V2.0, 2000-07 trigger an interrupt request in order to perform some special service routines. External capture signals can only be applied if no address output is selected for PORT1. During external accesses in demultiplexed bus modes PORT1 outputs the 16-bit intra-segment address as an alternate output function. During external accesses in multiplexed bus modes, when no BUSCON register selects a demultiplexed bus mode, PORT1 is not used and is available for general purpose IO. When an external bus mode is enabled, the direction of the port pin and the loading of data into the port output latch are controlled by the bus controller hardware. The input of the port output latch is disconnected from the internal bus and is switched to the line labeled “Alternate Data Output” via a multiplexer. The alternate data is the 16-bit intrasegment address. While an external bus mode is enabled, the user software should not write to the port output latch, otherwise unpredictable results may occur. When the external bus modes are disabled, the contents of the direction register last written by the user becomes active. Figure 7-8 PORT1 IO and Alternate Functions MCA04425 P1H.7 P1H.6 P1H.5 P1H.4 P1H.3 P1H.2 P1H.1 P1H.0 P1L.7 P1L.6 P1L.5 P1L.4 P1L.3 P1L.2 P1L.1 P1L.0 Port 1 P1H P1L Alternate Function General Purpose Input/Output A7 A6 A5 A4 A3 A2 A1 A0 8/16-Bit Demux Bus a) b) CAPCOM2 Inputs/Outputs Analog Extension Inputs CC24IO CC25IO CC26IO CC27IO A15 A14 A13 A12 A11 A10 A9 A8 AN23 AN22 AN21 AN20 AN19 AN18 AN17 AN16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |