Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 136 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 136 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 132Page - Infineon Technologies AG C167CS Datasheet HTML 133Page - Infineon Technologies AG C167CS Datasheet HTML 134Page - Infineon Technologies AG C167CS Datasheet HTML 135Page - Infineon Technologies AG C167CS Datasheet HTML 136Page - Infineon Technologies AG C167CS Datasheet HTML 137Page - Infineon Technologies AG C167CS Datasheet HTML 138Page - Infineon Technologies AG C167CS Datasheet HTML 139Page - Infineon Technologies AG C167CS Datasheet HTML 140Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-9
V2.0, 2000-07
7.3
Alternate Port Functions
In order to provide a maximum of flexibility for different applications and their specific IO
requirements, port lines have programmable alternate input or output functions
associated with them.
Table 7-3
Summary of Alternate Port Functions
Port
Alternate Function(s)
Alternate Signal(s)
PORT0 Address and data lines when accessing
external resources (e.g. memory)
AD15 … AD0
PORT1 Address lines when accessing ext. resources,
Capture inputs or compare outputs of the
CAPCOM units,
Analog input extension channels to the A/D
converter
A15 … A0,
CC27IO … CC24IO,
AN23 … AN16
Port 2
Capture inputs or compare outputs of the
CAPCOM units, CAPCOM timer input,
Fast external interrupt inputs
CC15IO … CC0IO,
T7IN,
EX7IN … EX0IN
Port 3
System clock or programmable frequency
output, Optional bus control signal,
Input/output functions of serial interfaces,
Timers
CLKOUT/FOUT, BHE/WRH,
RxD0, TxD0, MTSR, MRST,
SCLK, T2IN, T3IN, T4IN,
T3EUD, T3OUT, CAPIN,
T6OUT, T0IN
Port 4
Selected segment address lines in systems
with more than 64 KBytes of ext. resources,
CAN interface(s) when assigned
A23 … A16,
CAN1_TxD, CAN1_RxD,
CAN2_TxD, CAN2_RxD
Port 5
Analog input channels to the A/D converter,
Timer control signal inputs
AN15 … AN0,
T2EUD, T4EUD, T5IN, T6IN
Port 6
Bus arbitration signals,
Chip select output signals
BREQ, HLDA, HOLD,
CS4 … CS0
Port_7
Capture inputs or compare outputs of the
CAPCOM units,
PWM output signals
CC31IO … CC28IO,
POUT3 … POUT0
Port 8
Capture inputs or compare outputs of the
CAPCOM units,
CAN interface(s) when assigned
CC23IO … CC16IO,
CAN1_TxD, CAN1_RxD,
CAN2_TxD, CAN2_RxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com