Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 154 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 154 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 150Page - Infineon Technologies AG C167CS Datasheet HTML 151Page - Infineon Technologies AG C167CS Datasheet HTML 152Page - Infineon Technologies AG C167CS Datasheet HTML 153Page - Infineon Technologies AG C167CS Datasheet HTML 154Page - Infineon Technologies AG C167CS Datasheet HTML 155Page - Infineon Technologies AG C167CS Datasheet HTML 156Page - Infineon Technologies AG C167CS Datasheet HTML 157Page - Infineon Technologies AG C167CS Datasheet HTML 158Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-27
V2.0, 2000-07
The pins of Port 2 combine internal bus data and alternate data output before the port
latch input.
Figure 7-13
Block Diagram of a Port 2 Pin
Note: Fast external interrupt inputs only on the upper eight pins of Port2.
P2.15-0, x = 15-0, z = 7-0
MCB04350
Internal Bus
Port Output
Latch
Direction
Latch
Open Drain
Latch
10
Driver
Pin
Input
Latch
Clock
AltDataIn (Pin)
01
CCx
AltDataIn (Latch)
EXzIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com