Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 157 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 157 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 153Page - Infineon Technologies AG C167CS Datasheet HTML 154Page - Infineon Technologies AG C167CS Datasheet HTML 155Page - Infineon Technologies AG C167CS Datasheet HTML 156Page - Infineon Technologies AG C167CS Datasheet HTML 157Page - Infineon Technologies AG C167CS Datasheet HTML 158Page - Infineon Technologies AG C167CS Datasheet HTML 159Page - Infineon Technologies AG C167CS Datasheet HTML 160Page - Infineon Technologies AG C167CS Datasheet HTML 161Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-30
V2.0, 2000-07
Figure 7-14
Port 3 IO and Alternate Functions
The port structure of the Port 3 pins depends on their alternate function (see
Figure 7-15).
When the on-chip peripheral associated with a Port 3 pin is configured to use the
alternate input function, it reads the input latch, which represents the state of the pin, via
the line labeled “Alternate Data Input”. Port 3 pins with alternate input functions are:
T0IN, T2IN, T3IN, T4IN, T3EUD, and CAPIN.
When the on-chip peripheral associated with a Port 3 pin is configured to use the
alternate output function, its “Alternate Data Output” line is ANDed with the port output
latch line. When using these alternate functions, the user must set the direction of the
port line to output (DP3.y = 1) and must set the port output latch (P3.y = 1). Otherwise
the pin is in its high-impedance state (when configured as input) or the pin is stuck at ‘0’
(when the port output latch is cleared). When the alternate output functions are not used,
the “Alternate Data Output” line is in its inactive state, which is a high level (‘1’). Port 3
pins with alternate output functions are:
T6OUT, T3OUT, TxD0, and CLKOUT/FOUT.
When the on-chip peripheral associated with a Port 3 pin is configured to use both the
alternate input and output function, the descriptions above apply to the respective
current operating mode. The direction must be set accordingly. Port 3 pins with alternate
input/output functions are:
MTSR, MRST, RxD0, and SCLK.
Note: Enabling the CLKOUT function automatically enables the P3.15 output driver.
Setting bit DP3.15 = ‘1’ is not required.
The CLKOUT function is automatically enabled in emulation mode.
MCA04426
P3.15
P3.13
P3.12
P3.11
P3.10
P3.9
P3.8
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
Port 3
No Pin
Alternate Function
General Purpose
Input/Output
T2IN
T3IN
T4IN
T3EUD
T3OUT
CAPIN
T6OUT
T0IN
a)
b)
CLKOUT
SCLK
BHE
RxD0
TxD0
MTSR
MRST
WRH
FOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com