Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 156 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 156 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 152Page - Infineon Technologies AG C167CS Datasheet HTML 153Page - Infineon Technologies AG C167CS Datasheet HTML 154Page - Infineon Technologies AG C167CS Datasheet HTML 155Page - Infineon Technologies AG C167CS Datasheet HTML 156Page - Infineon Technologies AG C167CS Datasheet HTML 157Page - Infineon Technologies AG C167CS Datasheet HTML 158Page - Infineon Technologies AG C167CS Datasheet HTML 159Page - Infineon Technologies AG C167CS Datasheet HTML 160Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-29
V2.0, 2000-07
Note: Due to pin limitations register bit P3.14 is not connected to an IO pin.
Pins P3.15 and P3.12 do not support open drain mode.
Alternate Functions of Port 3
The pins of Port 3 serve for various functions which include external timer control lines,
the two serial interfaces, and the control lines BHE/WRH and clock output.
Table 7-5 summarizes the alternate functions of Port 3.
ODP3
P3 Open Drain Ctrl. Reg.
ESFR (F1C6H/E3H)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
--
ODP
3.13
-
ODP
3.11
ODP
3.10
ODP
3.9
ODP
3.8
ODP
3.7
ODP
3.6
ODP
3.5
ODP
3.4
ODP
3.3
ODP
3.2
ODP
3.1
ODP
3.0
-
-
rw
-
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
ODP3.y
Port 3 Open Drain control register bit y
ODP3.y = 0: Port line P3.y output driver in push/pull mode
ODP3.y = 1: Port line P3.y output driver in open drain mode
Table 7-5
Alternate Functions of Port 3
Port 3 Pin
Alternate Function
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
–
P3.15
T0IN
CAPCOM1 Timer T0 Count Input
T6OUT
GPT2 Timer T6 Toggle Latch Output
CAPIN
GPT2 Capture Input
T3OUT
GPT1 Timer T3 Toggle Latch Output
T3EUD
GPT1 Timer T3 External Up/Down Input
T4IN
GPT1 Timer T4 Count Input
T3IN
GPT1 Timer T3 Count Input
T2IN
GPT1 Timer T2 Count Input
MRST
SSC Master Receive/Slave Transmit
MTSR
SSC Master Transmit/Slave Receive
TxD0
ASC0 Transmit Data Output
RxD0
ASC0 Receive Data Input
BHE/WRH
Byte High Enable/Write High Output
SCLK
SSC Shift Clock Input/Output
–
CLKOUT/
System Clock Output/
FOUT
Programmable Frequency Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com