Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 33Page - Renesas Technology Corp 4556 Datasheet HTML 34Page - Renesas Technology Corp 4556 Datasheet HTML 35Page - Renesas Technology Corp 4556 Datasheet HTML 36Page - Renesas Technology Corp 4556 Datasheet HTML 37Page - Renesas Technology Corp 4556 Datasheet HTML 38Page - Renesas Technology Corp 4556 Datasheet HTML 39Page - Renesas Technology Corp 4556 Datasheet HTML 40Page - Renesas Technology Corp 4556 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 37 of 142
REJ03B0025-0302
4556 Group
Fig. 26 Timer 2 operation (reload register R2L: “0316”, R2H: “0216”)
q CNTR output: invalid (W23 = “0”)
Timer 2 count source
Timer 2 count value
(Reload
register)
0216 0116 0016 0316 0216 0116 0016 0316 0216 0116 0016 0316 0216 0116 0016 0316 0216 0116 0016
0316
(R2L)
Timer 2 underflow signal
PWM signal (output invalid)
Timer 2 start
PWM signal “L”
fixed
0216
0316
0116 0016 0216 0116 0016 0316 0216 0116 0016 0216 0116 0016 0316 0216 0116 0016 0216 0116
(R2H)
PWM period 7 clock
PWM period 7 clock
0316
0116 0016
0216
0216
0116 0016
0216 0116 0016
0316
0216
0116 0016
0216 0116 0016
0316
0216
(R2L)
(R2H)
(R2L)
(R2H)
(R2L)
(R2H)
PWM period 7.5 clock
PWM period 7.5 clock
q CNTR output: valid (W23 = “1”)
PWM signal “H” interval extension function: invalid (W22 = “0”)
Timer 2 count source
Timer 2 count value
(Reload
register)
Timer 2 underflow signal
PWM
signal
Timer 2 count source
Timer 2 count value
(Reload
register)
Timer 2 underflow signal
PWM
signal
Timer 2 start
Timer 2 start
q CNTR output: valid (W23 = “1”)
PWM signal “H” interval extension function: valid (W22 = “1”) (Note)
Note: At PWM signal “H” interval extension function: valid, set “0116” or more to reload register R2H.
(R2L)
(R2H)
(R2L)
(R2H)
(R2L)
(R2L)
(R2L)
(R2L)
(R2L)
3 clock
3 clock
3.5 clock
3.5 clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com