Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 34Page - Renesas Technology Corp 4556 Datasheet HTML 35Page - Renesas Technology Corp 4556 Datasheet HTML 36Page - Renesas Technology Corp 4556 Datasheet HTML 37Page - Renesas Technology Corp 4556 Datasheet HTML 38Page - Renesas Technology Corp 4556 Datasheet HTML 39Page - Renesas Technology Corp 4556 Datasheet HTML 40Page - Renesas Technology Corp 4556 Datasheet HTML 41Page - Renesas Technology Corp 4556 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 38 of 142
REJ03B0025-0302
4556 Group
Fig. 27 CNTR output auto-control function by timer 1
CNTR output auto-control circuit by timer 1 is selected.
CNTR output
Register W41
When the CNTR output auto-control function is set to be invalid while the CNTR output is invalid,
the CNTR output invalid state is retained.
When the CNTR output auto-control function is set to be invalid while the CNTR output is valid,
the CNTR output valid state is retained.
When timer 1 is stopped, the CNTR output auto-control function becomes invalid.
Note: When the PWM signal is output from C/CNTR pin, set the output latch of port C to “0”.
q CNTR output: valid (W23 = “1”)
CNTR output auto-control circuit selected (W41 = “1”)
Timer 1 underflow signal
PWM
signal
Timer 1 start
CNTR output start
q CNTR output auto-control function
CNTR output
Timer 1 underflow signal
PWM
signal
Timer 1 start
CNTR output start
Timer 1
stop
CNTR output stop
➂
➀
➁
➂
➀
➁



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com