Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 48Page - Renesas Technology Corp 4556 Datasheet HTML 49Page - Renesas Technology Corp 4556 Datasheet HTML 50Page - Renesas Technology Corp 4556 Datasheet HTML 51Page - Renesas Technology Corp 4556 Datasheet HTML 52Page - Renesas Technology Corp 4556 Datasheet HTML 53Page - Renesas Technology Corp 4556 Datasheet HTML 54Page - Renesas Technology Corp 4556 Datasheet HTML 55Page - Renesas Technology Corp 4556 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 52 of 142
REJ03B0025-0302
4556 Group
Table 15 Functions and states retained at power down mode
Function
Program counter (PC), registers A, B,
carry flag (CY), stack pointer (SP) (Note 2)
Contents of RAM
Interrupt control registers V1, V2
Interrupt control register I1
Selected oscillation circuit
Clock control register MR, RG
Timer 1 to timer 2 functions
Timer 3 function
Timer LC function
Watchdog timer function
Timer control registers PA
Timer control registers W1 to W4
LCD display function
LCD control registers L1 to L3, C1, C2
Voltage drop detection circuit
Port level
Pull-up control registers PU0, PU1
Key-on wakeup control registers K0 to K2
Port output structure control registers
FR0 to FR2
External interrupt request flag
(EXF0)
Timer interrupt request flags (T1F, T2F)
Timer interrupt request flag (T3F)
Interrupt enable flag (INTE)
Watchdog timer flags (WDF1, WDF2)
Watchdog timer enable flag (WEF)
✕
O
✕
O
O
O
(Note 3)
(Note 3)
(Note 3)
✕ (Note 4)
✕
O
(Note 5)
O
(Note 6)
(Note 7)
O
O
O
✕
(Note 3)
(Note 3)
✕
✕ (Note 4)
✕ (Note 4)
Notes 1:“O” represents that the function can be retained, and “✕” repre-
sents that the function is initialized.
Registers and flags other than the above are undefined at RAM
back-up, and set an initial value after returning.
2: The stack pointer (SP) points the level of the stack register and is
initialized to “7” at RAM back-up.
3: The state of the timer is undefined.
4: Initialize the watchdog timer with the WRST instruction, and then
go into the power down state.
5: LCD is turned off.
6: When the SVDE instruction is executed, this function is valid at
power down.
7: In the RAM back-up mode, C/CNTR pin outputs “L” level.
However, when the CNTR input is selected (W11, W10=“11”), C/
CNTR pin is in an input enabled state (output = high-impedance).
Other ports retain their respective output levels.
Power down mode
✕
O
✕
O
O
O
(Note 3)
O
O
✕ (Note 4)
✕
O
O
O
(Note 6)
(Note 7)
O
O
O
✕
(Note 3)
O
✕
✕ (Note 4)
✕ (Note 4)
POWER DOWN FUNCTION
The 4556 Group has 2-type power down functions.
System enters into each power down state by executing the follow-
ing instructions.
• Clock operating mode ...................... EPOF and POF instructions
• RAM back-up mode ....................... EPOF and POF2 instructions
When the EPOF instruction is not executed before the POF or
POF2 instruction is executed, these instructions are equivalent to
the NOP instruction.
(1) Clock operating mode
The following functions and states are retained.
• RAM
• Reset circuit
• XCIN–XCOUT oscillation
• LCD display
• Timer 3
(2) RAM back-up mode
The following functions and states are retained.
• RAM
• Reset circuit
(3) Warm start condition
The system returns from the power down state when;
• External wakeup signal is input
• Timer 3 underflow occurs
in the power down mode.
In either case, the CPU starts executing the software from address
0 in page 0. In this case, the P flag is “1.”
(4) Cold start condition
The CPU starts executing the software from address 0 in page 0
when;
• reset pulse is input to RESET pin,
• reset by watchdog timer is performed, or
• reset by the voltage drop detection circuit is performed.
In this case, the P flag is “0.”
(5) Identification of the start condition
Warm start or cold start can be identified by examining the state of
the power down flag (P) with the SNZP instruction. The warm start
condition from the clock operating mode can be identified by exam-
ining the state of T3F flag.
Clock
operating
RAM
back-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com