Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 75Page - Renesas Technology Corp 4556 Datasheet HTML 76Page - Renesas Technology Corp 4556 Datasheet HTML 77Page - Renesas Technology Corp 4556 Datasheet HTML 78Page - Renesas Technology Corp 4556 Datasheet HTML 79Page - Renesas Technology Corp 4556 Datasheet HTML 80Page - Renesas Technology Corp 4556 Datasheet HTML 81Page - Renesas Technology Corp 4556 Datasheet HTML 82Page - Renesas Technology Corp 4556 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.02
Dec 22, 2006
page 79 of 142
REJ03B0025-0302
4556 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET)
A n (Add n and accumulator)
000110nnnn
06n
11
–
Overflow = 0
Grouping:
Arithmetic operation
Description: Adds the value n in the immediate field to
register A, and stores a result in register A.
The contents of carry flag CY remains unchanged.
Skips the next instruction when there is no
overflow as the result of operation.
Executes the next instruction when there is
overflow as the result of operation.
Operation:
(A)
← (A) + n
n = 0 to 15
AM (Add accumulator and Memory)
0000001010
00A
11
–
–
Grouping:
Arithmetic operation
Description: Adds the contents of M(DP) to register A.
Stores the result in register A. The contents
of carry flag CY remains unchanged.
Operation:
(A)
← (A) + (M(DP))
AMC (Add accumulator, Memory and Carry)
0000001011
00B
11
0/1
–
Grouping:
Arithmetic operation
Description: Adds the contents of M(DP) and carry flag
CY to register A. Stores the result in regis-
ter A and carry flag CY.
Operation:
(A)
← (A) + (M(DP)) + (CY)
(CY)
← Carry
AND (logical AND between accumulator and memory)
0000011000
018
11
––
Grouping:
Arithmetic operation
Description: Takes the AND operation between the con-
tents of register A and the contents of
M(DP), and stores the result in register A.
Operation:
(A)
← (A) AND (M(DP))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com