Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 37Page - Renesas Technology Corp 4556 Datasheet HTML 38Page - Renesas Technology Corp 4556 Datasheet HTML 39Page - Renesas Technology Corp 4556 Datasheet HTML 40Page - Renesas Technology Corp 4556 Datasheet HTML 41Page - Renesas Technology Corp 4556 Datasheet HTML 42Page - Renesas Technology Corp 4556 Datasheet HTML 43Page - Renesas Technology Corp 4556 Datasheet HTML 44Page - Renesas Technology Corp 4556 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 41 of 142
REJ03B0025-0302
4556 Group
Fig. 30 Program example to start/stop watchdog timer
Fig. 31 Program example to enter the mode when using the
watchdog timer
WRST
; WDF1 flag cleared
NOP
DI
; Interrupt disabled
EPOF
; POF instruction enabled
POF
↓
Oscillation stop
When the watchdog timer is used, clear the WDF1 flag at the pe-
riod of 65534 machine cycles or less with the WRST instruction.
When the watchdog timer is not used, execute the DWDT instruc-
tion and the WRST instruction continuously (refer to Figure 30).
The watchdog timer is not stopped with only the DWDT instruction.
The contents of WDF1 flag and timer WDT are initialized at the
power down mode.
When using the watchdog timer and the power down mode, initial-
ize the WDF1 flag with the WRST instruction just before the
microcomputer enters the power down state (refer to Figure 31).
The watchdog timer function is valid after system is returned from
the power down. When not using the watchdog timer function, ex-
ecute the DWDT instruction and the WRST instruction continuously
every system is returned from the power down, and stop the watch-
dog timer function.
WRST
; WDF1 flag cleared
DI
DWDT
; Watchdog timer function enabled/disabled
WRST
; WEF and WDF1 flags cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com