| Electronic Components Datasheet Search |
|
4556 Datasheet(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4556 Datasheet(HTML) 60 Page - Renesas Technology Corp |
|
60 / 145 page ![]() Rev.3.02 Dec 22, 2006 page 60 of 142 REJ03B0025-0302 4556 Group NOTES ON NOISE Countermeasures against noise are described below. The following countermeasures are effective against noise in theory, however, it is necessary not only to take measures as fol- lows but to evaluate before actual use. 1. Shortest wiring length (1) Wiring for RESET pin Make the length of wiring which is connected to the RESET pin as short as possible. Especially, connect a capacitor across the RESET pin and the VSS pin with the shortest possible wiring. <Reason> In order to reset a microcomputer correctly, 1 machine cycle or more of the width of a pulse input into the RESET pin is required. If noise having a shorter pulse width than this is input to the RESET input pin, the reset is released before the internal state of the mi- crocomputer is completely initialized. This may cause a program runaway. Fig. 54 Wiring for the RESET pin (2) Wiring for clock input/output pins • Make the length of wiring which is connected to clock I/O pins as short as possible. • Make the length of wiring across the grounding lead of a capaci- tor which is connected to an oscillator and the VSS pin of a microcomputer as short as possible. • Separate the VSS pattern only for oscillation from other VSS pat- terns. <Reason> If noise enters clock I/O pins, clock waveforms may be deformed. This may cause a program failure or program runaway. Also, if a potential difference is caused by the noise between the VSS level of a microcomputer and the VSS level of an oscillator, the correct clock will not be input in the microcomputer. RESET Reset circuit Noise VSS VSS Reset circuit VSS RESET VSS N.G. O.K. Noise XIN XOUT VSS XIN XOUT VSS N.G. O.K. Fig. 55 Wiring for clock I/O pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |