Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 80Page - Renesas Technology Corp 4556 Datasheet HTML 81Page - Renesas Technology Corp 4556 Datasheet HTML 82Page - Renesas Technology Corp 4556 Datasheet HTML 83Page - Renesas Technology Corp 4556 Datasheet HTML 84Page - Renesas Technology Corp 4556 Datasheet HTML 85Page - Renesas Technology Corp 4556 Datasheet HTML 86Page - Renesas Technology Corp 4556 Datasheet HTML 87Page - Renesas Technology Corp 4556 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.02
Dec 22, 2006
page 84 of 142
REJ03B0025-0302
4556 Group
IAP2 (Input Accumulator from port P2)
1001100010
262
11
––
Grouping:
Input/Output operation
Description: Transfers the input of port P2 to register A.
Operation:
(A)
← (P2)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
11x3
x2
x1
x0
y3
y2
y1
y0
3x
y
11
–
Continuous
description
Grouping:
RAM addresses
Description: Loads the value x in the immediate field to
register X, and the value y in the immediate
field to register Y. When the LXY instruc-
tions are continuously coded and executed,
only the first LXY instruction is executed
and other LXY instructions coded continu-
ously are skipped.
Operation:
(X)
← x x = 0 to 15
(Y)
← y y = 0 to 15
LXY x, y (Load register X and Y with x and y)
INY (INcrement register Y)
0000010011
01
3
11
–
(Y) = 0
Grouping:
RAM addresses
Description: Adds 1 to the contents of register Y. As a re-
sult of addition, when the contents of
register Y is 0, the next instruction is
skipped. When the contents of register Y is
not 0, the next instruction is executed.
Operation:
(Y)
← (Y) + 1
LA n (Load n in Accumulator)
000111nnnn
07n
11
–
Continuous
description
Grouping:
Arithmetic operation
Description: Loads the value n in the immediate field to
register A.
When the LA instructions are continuously
coded and executed, only the first LA in-
struction is executed and other LA
instructions coded continuously are
skipped.
Operation:
(A)
← n
n = 0 to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com