Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 43Page - Renesas Technology Corp 4556 Datasheet HTML 44Page - Renesas Technology Corp 4556 Datasheet HTML 45Page - Renesas Technology Corp 4556 Datasheet HTML 46Page - Renesas Technology Corp 4556 Datasheet HTML 47Page - Renesas Technology Corp 4556 Datasheet HTML 48Page - Renesas Technology Corp 4556 Datasheet HTML 49Page - Renesas Technology Corp 4556 Datasheet HTML 50Page - Renesas Technology Corp 4556 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 47 of 142
REJ03B0025-0302
4556 Group
(5) LCD power supply circuit
Select the LCD power supply circuit suitable for the using LCD
panel.
The LCD power supply circuit is fixed by the followings;
• The internal dividing resistor is controlled by bit 0 of register L2.
• The internal dividing resistor is selected by bit 3 of register L1.
• The bias condition is selected by bits 0 and 1 of register L1.
qInternal dividing resistor
The 4556 Group has the internal dividing resistor for LCD power
supply.
When bit 0 of register L2 is set to “0”, the internal dividing resis-
tor is valid. However, when the LCD is turned off by setting bit 2
of register L1 to “0”, the internal dividing resistor is turned off.
The same six resistor (r) is prepared for the internal dividing re-
sistor. According to the setting value of bit 3 of register L1 and
using bias condition, the resistor is prepared as follows;
• L13 = “0”, 1/3 bias used: 2r ✕ 3 = 6r
• L13 = “0”, 1/2 bias used: 2r ✕ 2 = 4r
• L13 = “1”, 1/3 bias used: r ✕ 3 = 3r
• L13 = “1”, 1/2 bias used: r ✕ 2 = 2r
qVLC3/SEG0 pin
The selection of VLC3/SEG0 pin function is controlled with the bit
3 of register L2.
When the VLC3 pin function is selected, apply voltage of VLC3 <
VDD to the pin externally.
When the SEG0 pin function is selected, VLC3 is connected to
VDD internally.
q VLC2/SEG1, VLC1/SEG2 pin
The selection of VLC2/SEG1 pin function is controlled with the bit
2 of register L2.
The selection of VLC1/SEG2 pin function is controlled with the bit
1 of register L2.
When the VLC2 pin and VLC1 pin functions are selected and the
internal dividing resistor is not used, apply voltage of
0<VLC1<VLC2<VLC3 to these pins. Short the VLC2 pin and VLC1
pin at 1/2 bias.
When the VLC2 pin and VLC1 pin functions are selected and the
internal dividing resistor is used, the dividing voltage value gen-
erated internally is output from the VLC1 pin and VLC2 pin. The
VLC2 pin and VLC1 pin have the same electric potential at 1/2 bias.
When SEG1 and SEG2 pin functions are selected, use the inter-
nal dividing resistor. In this time, VLC2 and VLC1 are connected to
the generated dividingg voltage.
Fig. 36 LCD power supply circuit example (1/3 bias condition selected)
VLC3
VLC2
VLC1
SEG0
SEG1
SEG2
VLC3
VLC2
VLC1
VLC3
SEG1
SEG2
a) Register L2=(0000)2
b) Register L2=(1000)2
VLC3
VLC2
VLC1
VLC3
VLC2
VLC1
VLC3
VLC2
VLC1
c) Register L2=(1110)2
d) Register L2=(1111)2
VLC3
VLC2
VLC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com