Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 40Page - Renesas Technology Corp 4556 Datasheet HTML 41Page - Renesas Technology Corp 4556 Datasheet HTML 42Page - Renesas Technology Corp 4556 Datasheet HTML 43Page - Renesas Technology Corp 4556 Datasheet HTML 44Page - Renesas Technology Corp 4556 Datasheet HTML 45Page - Renesas Technology Corp 4556 Datasheet HTML 46Page - Renesas Technology Corp 4556 Datasheet HTML 47Page - Renesas Technology Corp 4556 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 44 of 142
REJ03B0025-0302
4556 Group
Table 12 LCD control registers (1)
Internal dividing resistor for LCD power
supply selection bit (Note 2)
LCD control bit
LCD control register L1
L13
L12
L11
L10
at reset : 00002
at power down : state retained
0
1
0
1
L11
0
0
1
1
L10
0
1
0
1
Duty
1/2
1/3
1/4
Bias
1/2
1/3
1/3
LCD control register L2
at reset : 00002
at power down : state retained
W
TL2A
0
1
0
1
0
1
0
1
SEG0
VLC3
SEG1
VLC2
SEG2
VLC1
Internal dividing resistor valid
Internal dividing resistor invalid
L23
L22
L21
L20
SEG0/VLC3 pin function switch bit (Note 3)
SEG1/VLC2 pin function switch bit (Note 4)
SEG2/VLC1 pin function switch bit (Note 4)
Internal dividing resistor for LCD power
supply control bit
2r ✕ 3, 2r ✕ 2
r ✕ 3, r ✕ 2
Stop
Operating
Not available
LCD control register L3
at reset : 11112
at power down : state retained
W
TL3A
0
1
0
1
0
1
0
1
SEG20
P23
SEG19
P22
SEG18
P21
SEG17
P20
L33
L32
L31
L30
P23/SEG20 pin function switch bit
P22/SEG19 pin function switch bit
P21/SEG18 pin function switch bit
P20/SEG17 pin function switch bit
R/W
TAL1/TL1A
LCD duty and bias selection bits
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: “r (resistor) multiplied by 3” is used at 1/3 bias, and “r multiplied by 2” is used at 1/2 bias.
3: VLC3 is connected to VDD internally when SEG0 pin is selected.
4: Use internal dividing resistor when SEG1 and SEG2 pins are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com