| Electronic Components Datasheet Search |
|
4556 Datasheet(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4556 Datasheet(HTML) 63 Page - Renesas Technology Corp |
|
63 / 145 page ![]() Rev.3.02 Dec 22, 2006 page 63 of 142 REJ03B0025-0302 4556 Group Fig. 61 Watchdog timer by software <The main routine> • Assigns a single word of RAM to a software watchdog timer (SWDT) and writes the initial value N in the SWDT once at each execution of the main routine. The initial value N should satisfy the following condition: N+1 ≥ (Counts of interrupt processing executed in each main rou- tine) As the main routine execution cycle may change because of an interrupt processing or others, the initial value N should have a margin. • Watches the operation of the interrupt processing routine by com- paring the SWDT contents with counts of interrupt processing after the initial value N has been set. • Detects that the interrupt processing routine has failed and deter- mines to branch to the program initialization routine for recovery processing in the following case: If the SWDT contents do not change after interrupt processing. <The interrupt processing routine> • Decrements the SWDT contents by 1 at each interrupt process- ing. • Determines that the main routine operates normally when the SWDT contents are reset to the initial value N at almost fixed cycles (at the fixed interrupt processing count). • Detects that the main routine has failed and determines to branch to the program initialization routine for recovery processing in the following case: If the SWDT contents are not initialized to the initial value N but continued to decrement and if they reach 0 or less. Main routine (SWDT) ← N EI Main processing (SWDT) Interrupt processing routine errors N Interrupt processing routine (SWDT) ← (SWDT)—1 Interrupt processing (SWDT) Main routine errors >0 ≤0 RTI Return =N? ≤0? ≠N 4. Setup for I/O ports Setup I/O ports using hardware and software as follows: <Hardware> • Connect a resistor of 100 Ω or more to an I/O port in series. <Software> • As for an input port, read data several times by a program for checking whether input levels are equal or not. • As for an output port or an I/O port, since the output data may re- verse because of noise, rewrite data to its port latch at fixed periods. • Rewrite data to pull-up control registers at fixed periods. 5. Providing of watchdog timer function by software If a microcomputer runs away because of noise or others, it can be detected by a software watchdog timer and the microcomputer can be reset to normal operation. This is equal to or more effective than program runaway detection by a hardware watchdog timer. The fol- lowing shows an example of a watchdog timer provided by software. In the following example, to reset a microcomputer to normal op- eration, the main routine detects errors of the interrupt processing routine and the interrupt processing routine detects errors of the main routine. This example assumes that interrupt processing is repeated mul- tiple times in a single main routine processing. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |